Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-A2-R1 Datasheet(PDF) 15 Page - M-System Co.,Ltd.

Part # 51U-A2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-A2-R1 Datasheet(HTML) 15 Page - M-System Co.,Ltd.

Back Button 51U-A2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 10Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 11Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 12Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 13Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 14Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 15Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 16Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Suffix Code: R
Suffix Code: S
Suffix Code: T
TERM.
ITEMS
CH1
CH2
CH3
Dis.
AR (AS, AT)
PF
0 – lag1 kvar
(lead1 – lag1 kvar)
Display switch. inp.
TERM.
ITEMS
CH1
CH2
CH1/CH2
PULSE
Dis.
AR (AS, AT)
0 – 1 kW
(-1 – +1 kW)
(PF)
kWh
Display switch. inp.
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
AR (AS, AT)
PF
kvarh
Display switch. inp.
DISPLAY
%
A
S
R
T
x1 kvar
x10 kvar
DISPLAY
x10 kWh
x1 kWh
A
x100 kWh
x1 kW
x10 kW
%
S
R
T
DISPLAY
A
%
S
R
T
x10kvarh
x1kvarh
x100kvarh
Suffix Code: Q
TERM.
ITEMS
CH1
CH2
CH3
Dis.
AR (AS, AT)
PF
0 – 1 kW
(-1 – +1 kW)
Display switch. inp.
DISPLAY
%
A
S
R
T
x1 kW
x10 kW
Suffix Code: U
TERM.
ITEMS
CH1
CH2
CH1/CH2
Dis.
VRS (VST, VTR)
Hz
(VRN, VSN, VTN)
Display switch. inp.
DISPLAY
Hz
Suffix Code: X
Suffix Code: Y
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
AR (AS, AT)
0 – lag1 kvar
(lead1 – lag1 kvar)
kvarh
Display switch. inp.
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
Hz
PF
kWh
Display switch. inp.
DISPLAY
A
S
R
T
x10 kvarh
x1 kvarh
x100 kvarh
x1 kvar
x10 kvar
DISPLAY
Hz
%
x10 kWh
x1 kWh
x100 kWh
V
S – N(T)
R – N(S)
T – N(R)
LINE
PHASE
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
P. 15 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com