Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-A2-R1 Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # 51U-A2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-A2-R1 Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button 51U-A2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 10Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 11Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 12Page - M-System Co.,Ltd. 51U-A2-R1 Datasheet HTML 13Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Suffix Code: Q
Suffix Code: S
TERM.
ITEMS
CH1
CH2
CH3
Dis.
A1 (AN, A2)
PF
0 – 1 kW
(-1 – +1 kW)
Display switch. inp.
TERM.
ITEMS
CH1
CH2
CH1/CH2
PULSE
Dis.
A1 (AN, A2)
0 – 1 kW
(-1 – +1 kW)
(PF)
kWh
Display switch. inp.
DISPLAY
%
A
N
1
2
x1 kW
x10 kW
DISPLAY
x10 kWh
x1 kWh
A
x100 kWh
x1 kW
x10 kW
%
N
1
2
Suffix Code: U
TERM.
ITEMS
CH1
CH2
Dis.
V1N (V2N, V12)
Hz
Display switch. inp.
DISPLAY
Hz
V
2 – N
1 – N
1 – 2
Suffix Code: W
TERM.
ITEMS
ALARM
RESET
Dis.
DA alarm output
MDA ext. reset inp.
Display switch. inp.
DISPLAY
V
2 – N
1 – N
1 – 2
A
ALARM
SET
N
1
2
Suffix Code: Y
TERM.
ITEMS
CH1
CH2
PULSE
Dis.
Hz
PF
kWh
Display switch. inp.
DISPLAY
Hz
%
x10 kWh
x1 kWh
x100 kWh
CH1
CH2
CH3
Dis.
++
––
+
–
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
PULSE
Dis.
++
––
•Output Connection
CH1
CH2
Dis.
++
––
•Output Connection
ALARM RESET
Dis.
•Output Connection
A
DA
MDA
P. 9 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com