Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAST20 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  DAST20 Datasheet HTML 1Page - M-System Co.,Ltd. DAST20 Datasheet HTML 2Page - M-System Co.,Ltd. DAST20 Datasheet HTML 3Page - M-System Co.,Ltd. DAST20 Datasheet HTML 4Page - M-System Co.,Ltd. DAST20 Datasheet HTML 5Page - M-System Co.,Ltd. DAST20 Datasheet HTML 6Page - M-System Co.,Ltd. DAST20 Datasheet HTML 7Page - M-System Co.,Ltd. DAST20 Datasheet HTML 8Page - M-System Co.,Ltd. DAST20 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 4/22
http://www.m-system.co.jp/
No. DESCRIPTION
EXPLANATION
1
RUN LED
Red LED ON at normal status;
OFF at anomaly detected by selfdiagnosis;
blinks when there is anomaly in telephone
circuit.
2
Contact I/O
Monitor LEDs
Red LED ON with contact ON;
provided only for contact I/O types
3
RUN Contact
Output Terminals
Relay opens when an anomaly is detected.
4
Power Indicator
LED
Red LED ON at normal status;
OFF when the voltage level drops.
5
Master/Local SW
Designating the Master and Local Stations
(factory set)
6
Circuit Status
Indicator LEDs
Red LED; turn ON according to the status
of telephone circuit
7
Power Terminals
Refer to the Terminal Connection.
8
Modem Circuit
Terminals
Connected with the lightning arrester.
(factory connected)
9
Circuit Connection
Terminals
Refer to the Terminal Connection.
10
Grounding Terminal Refer to the Terminal Connection.
11
Modem Circuit
Connector
Not used.
I/O Module
Modem
Lightning Arrester
3
4
5
6
2
1
8
RD
SD
FG
U
LINE
POWER
V
7
12
5
6
14
11
1
10
15
4
3
2
7
9
8
1
2
4
S
S
P
P
1
3
11
8
7
9
10
2
6
5
■ 300 bps TYPE (Transmission Rate Code: 2)
CONNECTION DIAGRAM
FG
RD
SD
U
V
POWER
RUN CONTACT
TELEPHONE
CIRCUIT
1
2
A
B
3
C
SG
7
RD
8
SD
7
14
1
2
G
100 ohms max.
LIGHTNING
ARRESTER
MODEM
I/O MODULE
Refer to later pages
for connection of
each I/O type.
■ 50 bps TYPE (Transmission Rate Code: 1)
L1
L2
U
V
POWER
RUN CONTACT
TELEPHONE
CIRCUIT
P
S
P
LINE 1
LINE 2
S
7
8
7
14
1
2
G
8
8
LIGHTNING
ARRESTER
MODEM
I/O MODULE
Refer to later pages
for connection of
each I/O type.
■ 300 bps TYPE (Transmission Rate Code: 2)
Remark 1 : Broken line connections are already done at factory. Do not remove those cables already wired
when wiring to power supply (Terminals 7 – 8 of the Modem) and ground terminals (G).
Remark 2 : Be sure to ground (100 ohms or less) for 50 bps type which emploies the earth-return method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com