Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAST20 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DAST20 Datasheet HTML 1Page - M-System Co.,Ltd. DAST20 Datasheet HTML 2Page - M-System Co.,Ltd. DAST20 Datasheet HTML 3Page - M-System Co.,Ltd. DAST20 Datasheet HTML 4Page - M-System Co.,Ltd. DAST20 Datasheet HTML 5Page - M-System Co.,Ltd. DAST20 Datasheet HTML 6Page - M-System Co.,Ltd. DAST20 Datasheet HTML 7Page - M-System Co.,Ltd. DAST20 Datasheet HTML 8Page - M-System Co.,Ltd. DAST20 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 1/22
http://www.m-system.co.jp/
Telemetering System
TELEMETERING SYSTEM
Functions & Features
• Small-scale telemetering system
• Lightning arrester protecting telephone circuit standard
• Approved of Technical Requirements Compliance Approval
by Japan Approvals Institute for Telecommunications
Equipment
• Isolation between telephone circuit, I/O and power
• Easy-to-handle plugin construction for each component:
Communication Module, Modem Module, Lightning Arrester
• Self-diagnosis
• Monitor LED provided for contact I/O modules
180 (7.09)
160
(6.30)
mm (inch)
MODEL: DAST-20-[1][2]-K
ORDERING INFORMATION
• Code number: DAST-20–[1][2]–K
Specify a code from below for each of [1] and [2].
(e.g. DAST-20-1MC81-K)
[1] TRANSMISSION RATE
1: 50 bps
2: 300 bps
[2] I/O SECTION
Master Station
MC81: Contact outputs, 4 open collector outputs
ME5: Contact I/O, 4 dry contact inputs
4 open collector outputs
MM4; Analog outputs, 4 voltage outputs
MR3: Analog I/O, 4 voltage inputs
4 voltage outputs
MS6; Contact & analog outputs
4 open collector outputs
4 voltage outputs
MS8; Contact inputs & analog outputs
4 dry contact inputs
4 voltage outputs
MU4: Analog & pulse outputs
4 voltage outputs
4 pulse outputs (open collector)
MS4: Contact, analog & pulse outputs
2 open collector outputs
4 voltage outputs
2 pulse outputs (open collector)
Local Station
SA41: Contact inputs, 4 dry contact inputs
SE5: Contact I/O, 4 dry contact inputs
4 open collector outputs
SG4: Analog inputs, 4 voltage inputs
SR3: Analog I/O, 4 voltage inputs
4 voltage outputs
SS5: Contact & analog inputs
4 dry contact inputs
4 voltage inputs
SS7: Contact outputs & analog inputs
4 open collector outputs
4 voltage inputs
SP4: Analog & pulse inputs
4 voltage inputs
4 dry contact pulse inputs
SS3: Contact, analog & pulse inputs
2 dry contact inputs
4 voltage outputs
2 dry contact pulse inputs
POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
APPLICATION TO NTT
Application form is available at local NTT sales offices.
“Guide for Application for Dedicated Circuit Lease” is
provided for free for detailed explanation.
COMMON SPECIFICATIONS
Construction: lightning arrester, modem and I/O modules
mounted on a chassis for surface mounting
Connection
• Telephone circuit: M4 screw terminals (torque 0.8 N·m)
• Power & I/O: M3.5 screw terminals (torque 0.8 N·m)
• RUN contact output: Euro type connector terminal
(Applicable wire size: ≤ 1.25 mm2, stripped length 8 mm)
• Grounding: M4 screw terminal (torque 0.8 N·m)
Screw terminal
• Telephone circuit & grounding: Nickel-plated steel
• Power & I/O: Chromated steel


Similar Part No. - DAST20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DAS001 STMICROELECTRONICS-DAS001 Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
Teledyne Technologies I...
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
logo
Analog Devices
DAS1151 AD-DAS1151 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
More results

Similar Description - DAST20

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
System Reset
logo
Delta Electronics, Inc.
HDS3000-24V DELTA-HDS3000-24V Datasheet
190Kb / 1P
Power System
logo
Fuji Electric
EDS25-1A FUJI-EDS25-1A Datasheet
732Kb / 34P
Optical Fieldbus System System Composition Devices
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
logo
M-System Co.,Ltd.
22LS1 MSYSTEM-22LS1 Datasheet
187Kb / 7P
Telemetering System
DLS MSYSTEM-DLS Datasheet
224Kb / 10P
TELEMETERING UNIT
TMA MSYSTEM-TMA Datasheet
59Kb / 4P
ANALOG TELEMETERING MODULE
TMR MSYSTEM-TMR Datasheet
62Kb / 4P
CONTACT TELEMETERING MODULE
logo
Festo Corporation.
8118454 FESTO-8118454 Datasheet
97Kb / 1P
Control system
1/21/22
8118455 FESTO-8118455 Datasheet
93Kb / 1P
Control system
1/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com