Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAST20 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DAST20 Datasheet HTML 1Page - M-System Co.,Ltd. DAST20 Datasheet HTML 2Page - M-System Co.,Ltd. DAST20 Datasheet HTML 3Page - M-System Co.,Ltd. DAST20 Datasheet HTML 4Page - M-System Co.,Ltd. DAST20 Datasheet HTML 5Page - M-System Co.,Ltd. DAST20 Datasheet HTML 6Page - M-System Co.,Ltd. DAST20 Datasheet HTML 7Page - M-System Co.,Ltd. DAST20 Datasheet HTML 8Page - M-System Co.,Ltd. DAST20 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 2/22
http://www.m-system.co.jp/
Material
Chassis: black chromate-plated steel
Housing: flame-resistant resin (black)
Isolation: telephone circuit to I/O to power
Self-diagnosis
CPU: watch-dog timer
Memory: sum check
Power voltage: detects when the voltage supply to the CPU
drops by 10 %.
■ RUN CONTACT OUTPUT
RUN contact output: contact opens when the self-diagnosis
detects an abnormality or with a transmission error.
Rating: 120V AC or 30V DC @1A (resistive load)
MODEM & LIGHTNING ARRESTER
■ 50 BPS TYPE
•Modem (model: MOD1-K)
Telephone circuit: NTT leased circuit, 50 bps
Sending voltage: ±50 V max.
Sending current: ±20 mA ±3 mA
Transmission method: earth-return
Transmission rate: 50 bps
No. of circuits: 1
Approval No.: L02-0066
•Lightning Arrester (model: MDP-MFA)
Discharge voltage
Between B – C: ±110 V min.
Between B or C – A: ±55 V min.
Between each line – G: ±500 V max.
Maximum surge voltage
Between 2 – 3: ±320 V max.
Between 2 or 3 – 1: ±160 V max.
Between each line – G: ±650 V max.
Response time: ≤0.1 μsec.
Discharge current capacity: 5000 A (8 / 20 msec.)
Maximum load current: 100 mA
Internal series resistance: approx. 20 Ω including return
Leakage current
Between B – C: ≤50 mA at ±110 V DC
Between B or C – A: ≤50 mA at ±55 V DC
Between each line – G: ≤10 mA at ±140 V DC
■ 300 BPS TYPE
•Modem (model: MOD2-K)
Telephone circuit: NTT leased circuit, 3.4 kHz
Sending level: -7 to -15 dBm
Receiving level: -40 dBm
Transmission rate: 300 bps (half-duplex)
Modulation: conform to ITU-T V.21
No. of circuits: 1
Approval No.: D01-0730JP
•Lightning Arrester (model: MDP-FT)
Discharge voltage
Between lines: ±1.2 V min.
Line to ground: ±500 V max.
Maximum surge voltage
Between lines: ±15 V max.
Line to ground: ±650 V max.
Response time: ≤0.1 μsec.
Discharge current capacity: 5000 A (8 / 20 msec.)
Maximum load current: 100mA
Internal series resistance: approx. 8 Ω including return
Leakage current
Between lines: ≤20 mA at ±1.2 V
Line to ground: ≤10 mA at ±140 V
Maximum line voltage: 1.2 V
INSTALLATION
Power consumption
•AC: Approx. 5 VA max.
Grounding: ≤100 Ω required for 50 bps type
Operating temperature: -5 to + 50°C (23 to 122°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface
Weight: 1.5 kg (3.3 lb)
PERFORMANCE
Permissible power failure duration: ≤ 20 ms
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(telephone circuit to I/O to power)
1500 V AC @1 minute (circuit to ground)
TRANSMISSION TIME
■ Simple Transmission Time
The simple transmission time means the time between the
start of data sending from the master station and the end of
data sending from the local station. It means 1 cycle of data
transmission between the master station
and the local station. It does not mean the time required for
an input signal to be output.
■ How to Calculate the Simple Transmission Time
•Transmission Rate 50 bps
Simple Transmission Time (sec.)
= (No. of data bytes from master station + No. of data
bytes from local station) × 0.22 + 0.5 × 2
•Transmission Rate 300 bps
Simple Transmission Time (sec.)
= (No. of data bytes from master station + No. of
data bytes from local station) × 0.037 + 0.2 × 2
■ Effective Transmission Time
The effective transmission time means the time required for
a change of an input signal to affect its output signal. It



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com