Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAST20 Datasheet(PDF) 21 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 21 Page - M-System Co.,Ltd.

Back Button DAST20 Datasheet HTML 14Page - M-System Co.,Ltd. DAST20 Datasheet HTML 15Page - M-System Co.,Ltd. DAST20 Datasheet HTML 16Page - M-System Co.,Ltd. DAST20 Datasheet HTML 17Page - M-System Co.,Ltd. DAST20 Datasheet HTML 18Page - M-System Co.,Ltd. DAST20 Datasheet HTML 19Page - M-System Co.,Ltd. DAST20 Datasheet HTML 20Page - M-System Co.,Ltd. DAST20 Datasheet HTML 21Page - M-System Co.,Ltd. DAST20 Datasheet HTML 22Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 21/22
http://www.m-system.co.jp/
LOCAL, CONTACT, ANALOG & PULSE INPUTS
MODEL: DAST–20–[1]SS3-K
ORDERING INFORMATION
• Code number: DAST-20–[1]SS3–K
Specify a code from below for [1].
(e.g. DAST-20-1SS3-K)
[1] TRANSMISSION RATE
1: 50 bps
2: 300 bps
POWER INPUT
AC Power
K: 85 – 132 V AC
INPUT SPECIFICATIONS
■ VOLTAGE INPUT
Capacity: 4 points
Commons: per 4 points
Range: 1 – 5 V DC (operational range 0.5 – 5.5 V)
Input resistance: 1 MΩ min. (500 kΩ min.)
■ DRY CONTACT & PULSE INPUT
Capacity: 2 points each
Commons: per 4 points
Contact detecting voltage: 5 V DC
ON current/resistance: ≥ 1 mA / ≤ 200 Ω
OFF current/resistance: ≤ 50 μA / ≥ 100 kΩ
Pulse output frequency: 10 Hz max., pulse width time
requirement 45 msec. min. for ON and OFF
PERFORMANCE
Accuracy: ±0.2 %
Number of data bytes: 38
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
INPUT TERMINAL CONNECTION
4
3
2
1
5V
Base Socket
10
1
2
15
5
4
3
6
11
12
9
COM. (–)
Ai 4
Ai 3
Ai 2
Ai 1
COM. (–)
Di 4
Di 3
Pi 2
Pi 1
Italic numbers indicate LED No. on the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com