Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-12MIT Datasheet(PDF) 66 Page - STMicroelectronics

Part # PSD813F1AV-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-12MIT Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PSD813F1AV-12MIT Datasheet HTML 62Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 63Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 64Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 65Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 66Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 67Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 68Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 69Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
PSD813F1V
66/110
For Users of the HC11 (or compatible)
The HC11 turns off its E clock when it sleeps.
Therefore, if you are using an HC11 (or compati-
ble) in your design, and you wish to use the Pow-
er-down mode, you must not connect the E clock
to CLKIN (PD1). You should instead connect an
independent clock signal to the CLKIN input
(PD1). The clock frequency must be less than 15
times the frequency of AS. The reason for this is
that if the frequency is greater than 15 times the
frequency of AS, the PSD will keep going into
Power-down mode.
Other Power Saving Options
The PSD offers other reduced power saving op-
tions that are independent of the Power-down
mode. Except for the SRAM Stand-by and Chip
Select Input (CSI, PD2) features, they are enabled
by setting bits in the PMMR0 and PMMR2 regis-
ters.
PLD Power Management
The power and speed of the PLDs are controlled
by the Turbo bit (bit 3) in the PMMR0. By setting
the bit to ‘1’, the Turbo mode is disabled and the
PLDs consume Zero Power current when the in-
puts are not switching for an extended time of
70ns. The propagation delay time will be in-
creased by 10ns after the Turbo bit is set to ‘1’
(turned off) when the inputs change at a composite
frequency of less than 15 MHz. When the Turbo bit
is set to a ‘0’ (turned on), the PLDs run at full power
and speed. The Turbo bit affects the PLD’s D.C.
power, AC power, and propagation delay.
Note: Blocking MCU control signals with PMMR2
bits can further reduce PLD AC power consump-
tion.
SRAM Standby Mode (Battery Backup)
The PSD supports a battery backup operation that
retains the contents of the SRAM in the event of a
power loss. The SRAM has a VSTBY pin (PC2) that
can be connected to an external battery. When
VCC becomes lower than VSTBY then the PSD will
automatically connect to VSTBY as a power source
to the SRAM. The SRAM Standby Current (ISTBY)
is typically 0.5µA. The SRAM data retention volt-
age is 2 V minimum. The battery-on indicator (VBA-
TON) can be routed to PC4. This signal indicates
when the VCC has dropped below the VSTBY volt-
age.
PSD Chip Select Input (CSI, PD2)
Pin PD2 of Port D can be configured in PSDsoft
Express as the CSI input. When low, the signal se-
lects and enables the internal Flash, EEPROM,
SRAM, and I/O for READ or WRITE operations in-
volving the PSD. A high on the CSI pin will disable
the Flash memory, EEPROM, and SRAM, and re-
duce the PSD power consumption. However, the
PLD and I/O pins remain operational when CSI is
High.
Note: There may be a timing penalty when using
the CSI pin depending on the speed grade of the
PSD that you are using. See the timing parameter
tSLQV in Table 63., page 95 or Table 64., page 95.
Input Clock
The PSD provides the option to turn off the CLKIN
input to the PLD to save AC power consumption.
The CLKIN is an input to the PLD AND array and
the Output Macrocells. During Power Down Mode,
or, if the CLKIN input is not being used as part of
the PLD logic equation, the clock should be dis-
abled to save AC power. The CLKIN will be dis-
connected from the PLD AND array or the
Macrocells by setting bits 4 or 5 to a ‘1’ in PMMR0.
Figure 34. Enable Power-down Flow Chart
Enable APD
Set PMMR0 Bit 1 = 1
PSD in Power
Down Mode
ALE/AS idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 2 through 6.
AI02892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com