Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-12MIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSD813F1AV-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-12MIT Datasheet(HTML) 1 Page - STMicroelectronics

  PSD813F1AV-12MIT Datasheet HTML 1Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 2Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 3Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 4Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 5Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 6Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 7Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 8Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
1/110
June 2004
PSD813F1V
Flash In-System Programmable (ISP)
Peripherals for 8-bit MCUs, 3.3V
FEATURES SUMMARY
■
DUAL BANK FLASH MEMORIES
–
1 Mbit of Primary Flash Memory (8
Uniform Sectors)
–
256 Kbit Secondary EEPROM (4 Uniform
Sectors)
–
Concurrent operation: read from one
memory while erasing and writing the
other
■
16 Kbit SRAM (BATTERY-BACKED)
■
PLD WITH MACROCELLS
–
Over 3,000 Gates Of PLD: DPLD and
CPLD
–
DPLD - User-defined Internal chip-select
decoding
–
CPLD with 16 Output Macrocells (OMCs)
and 24 Input Macrocells (IMCs)
■
27 RECONFIGURABLE I/Os
–
27 individually configurable I/O port pins
that can be used for the following
functions:
MCU I/Os;
PLD I/Os;
Latched MCU address output; and
Special function I/Os.
Note: 16 of the I/O ports may be
configured as open-drain outputs.
■
ENHANCED JTAG SERIAL PORT
–
Built-in JTAG-compliant serial port allows
full-chip In-System Programmability (ISP)
–
Efficient manufacturing allows for easy
product testing and programming
■
PAGE REGISTER
–
Internal page register that can be used to
expand the microcontroller address space
by a factor of 256.
■
PROGRAMMABLE POWER MANAGEMENT
Figure 1. Packages
■
HIGH ENDURANCE:
–
100,000 Erase/WRITE Cycles of Flash
Memory
–
10,000 Erase/WRITE Cycles of EEPROM
–
1,000 Erase/WRITE Cycles of PLD
–
Data Retention: 15-year minimum at 90°C
(for Main Flash, Boot, PLD and
Configuration bits).
■
SINGLE SUPPLY VOLTAGE:
–
3.3V±10% for PSD813F1V
■
STANDBY CURRENT AS LOW AS 50µA
PQFP52 (M)
PLCC52 (J)
TQFQ64 (U)


Similar Part No. - PSD813F1AV-12MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD813F1A-12J STMICROELECTRONICS-PSD813F1A-12J Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1A-12JI STMICROELECTRONICS-PSD813F1A-12JI Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1A-12JT STMICROELECTRONICS-PSD813F1A-12JT Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1A-12M STMICROELECTRONICS-PSD813F1A-12M Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
More results

Similar Description - PSD813F1AV-12MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
14-Dec-2001
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
05-May-2009
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
05-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com