Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-12MIT Datasheet(PDF) 41 Page - STMicroelectronics

Part # PSD813F1AV-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-12MIT Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PSD813F1AV-12MIT Datasheet HTML 37Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 38Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 39Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 40Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 41Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 42Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 43Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 44Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
41/110
PSD813F1V
Input Macrocells (IMC)
The CPLD has 24 IMCs, one for each pin on Ports
A, B, and C. The architecture of the IMC is shown
in Figure 19., page 42. The IMCs are individually
configurable, and can be used as a latch, register,
or to pass incoming Port signals prior to driving
them onto the PLD input bus. The outputs of the
IMCs can be read by the microcontroller through
the internal data bus.
The enable for the latch and clock for the register
are driven by a multiplexer whose inputs are a
product term from the CPLD AND array or the
MCU address strobe (ALE/AS). Each product term
output is used to latch or clock four IMCs. Port in-
puts 3-0 can be controlled by one product term
and 7-4 by another.
Configurations for the IMCs are specified by equa-
tions written in PSDabel (see Application Note 55).
Outputs of the IMCs can be read by the MCU via
the IMC buffer. See the I/O Port section on how to
read the IMCs.
IMCs can use the address strobe to latch address
bits higher than A15. Any latched addresses are
routed to the PLDs as inputs.
IMCs are particularly useful with handshaking
communication applications where two proces-
sors pass data back and forth through a common
mailbox. Figure 20., page 43 shows a typical con-
figuration where the Master MCU writes to the Port
A Data Out Register. This, in turn, can be read by
the Slave MCU via the activation of the “Slave-
Read” output enable product term.
The Slave can also write to the Port A IMCs and
the Master can then read the IMCs directly.
Note that the “Slave-Read” and “Slave-wr” signals
are product terms that are derived from the Slave
MCU inputs RD, WR, and Slave_CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com