Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-12MIT Datasheet(PDF) 20 Page - STMicroelectronics

Part # PSD813F1AV-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-12MIT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PSD813F1AV-12MIT Datasheet HTML 16Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 17Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 18Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 19Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 20Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 21Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 22Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 23Page - STMicroelectronics PSD813F1AV-12MIT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
PSD813F1V
20/110
Table 8. Instructions
Note: 1. Additional sectors to be erased must be entered within 80 µs. A Sector Address is any address within the Sector.
2. Flash and EEPROM Sector Selects are active high. Addresses A15-A12 are don’t cares in Instruction Bus Cycles.
3. The Reset instruction is required to return to the normal READ mode if DQ5 goes high or after reading the Flash Identifier or Pro-
tection status.
4. The MCU cannot invoke these instructions while executing code from EEPROM. The MCU must be operating from some other
memory when these instructions are performed.
5. The MCU cannot invoke these instructions while executing code from the same Flash memory for which the instruction is intended.
The MCU must operate from some other memory when these instructions are executed.
6. Writing to OTP Row is allowed only when SDP mode is disabled.
Instruction
EEPROM
Sector Select
(EESi)
Flash Sector
Select (FSi)(2)
Cycle 1 Cycle 2 Cycle 3
Cycle 4
Cycle 5 Cycle 6
Cycle 7
Read Flash
Identifier3,5
01
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read
Identifier
with
(A6,A1,A0
at 0,0,1)
Read OTP
row4
10
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read byte
1
Read
byte 2
Read
byte N
Read Sector
Protection
Status3,5
01
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read
identifier
with (A6,
A1; A0 =
0,1,0)
Program a
Flash Byte5
01
AAh@
X555h
55h@
XAAAh
A0h@
X555h
Data@
address
Erase one
Flash Sector5
01
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@
X555h
55h@
XAAAh
30h@
Sector
address
30h@
Sector
address1
Erase the
Whole Flash5
01
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@
X555h
55h@
XAAAh
10h@
X555h
Suspend
Sector Erase5
01
B0h@
XXXXh
Resume
Sector Erase5
01
30h@
XXXXh
EEPROM
Power Down4
10
AAh@
X555h
55h@
XAAAh
30h@
X555h
SDP Enable/
EEPROM
Write4
10
AAh@
X555h
55h@
XAAAh
A0h@
X555h
Write byte
1
Write
byte 2
Write
byte N
SDP Disable4
10
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@
X555h
55h@
XAAAh
20h@
X555h
Write in OTP
Row4,6
10
AAh@
X555h
55h@
XAAAh
B0h@
X555h
Write byte
1
Write
byte 2
Write
byte N
Return (from
OTP Read or
EEPROM
Power-Down)4
10
F0h@
XXXX
Reset3.5
01
AAh@
X555h
55h@
XAAAh
F0h@
XXXX
Reset (short
instruction)5
01
F0h@
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com