Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD107 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 17Page - Analog Devices ADPD107 Datasheet HTML 18Page - Analog Devices ADPD107 Datasheet HTML 19Page - Analog Devices ADPD107 Datasheet HTML 20Page - Analog Devices ADPD107 Datasheet HTML 21Page - Analog Devices ADPD107 Datasheet HTML 22Page - Analog Devices ADPD107 Datasheet HTML 23Page - Analog Devices ADPD107 Datasheet HTML 24Page - Analog Devices ADPD107 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 21 of 66
Table 16. Time Slot Switch (Register 0x14)
Address
Bits
Name
Description
0x14
[11:8]
SLOTB_PD_SEL
Selects connection of photodiode for Time Slot B as shown in Figure 22, Figure 23,
and Figure 21.
0x0: inputs are floating in Time Slot B.
0x1: all PDx pins (PD1 to PD8) are connected during Time Slot B.
0x4: PD5 to PD8 are connected during Time Slot B.
0x5: PD1 to PD4 are connected during Time Slot B.
Other: reserved.
[7:4]
SLOTA_PD_SEL
Selects connection of photodiode for Time Slot A as shown in Figure 22, Figure 23,
and Figure 21.
0x0: inputs are floating in Time Slot A.
0x1: all PDx pins (PD1 to PD8) are connected during Time Slot A.
0x4: PD5 to PD8 are connected during Time Slot A.
0x5: PD1 to PD4 are connected during Time Slot A.
Other: reserved.
WLCSP Input Configurations
Up to two photodiodes can be connected to four channels of the
ADPD105 and ADPD107 WLCSP models. The ADPD106
accommodates a single photodiode that can be connected to
Channel 1 and Channel 2. The photodiode anodes are connected
to the PD1-2 and PD3-4 input pins; the photodiode cathodes are
connected to the cathode pin, PDC. The anodes are assigned in
two different configurations depending on the settings of
Register 0x14 (see Figure 22 and Figure 23).
Register 0x14, PD1 to PD4 Input Configurations
Figure 22 shows the configuration where each of the PD inputs
is connected to two channels. This configuration is the high
dynamic range mode used for large photodiode currents. Figure 23
shows the configuration where each of the inputs to the device
is connected to a single channel. This mode allows the user to
maximize SNR for situations where lower photodiode currents are
expected.
A switch sets which photodiode group is connected during Time
Slot A and Time Slot B. See Table 17 for the time slot switch
registers. It is important to leave any unused inputs floating for
proper operation of the devices. The photodiode inputs are
current inputs and, as such, these pins are also considered to be
voltage outputs. Tying these inputs to a voltage may saturate the
analog block.
Note that the ADPD106 only includes the options shown for the
PD1-2 input pin shown in Figure 22 and Figure 23.
CH1
PD1-2
PD3-4
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 5
REGISTER 0x14[7:4] = 5
CH2
CH3
CH4
Figure 22. PD1 to PD4 Connection
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 1
REGISTER 0x14[7:4] = 1
CH1
PD1-2
PD3-4
CH2
Figure 23. Current Summation—Two Photodiodes Summed into One Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com