Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD107 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 19Page - Analog Devices ADPD107 Datasheet HTML 20Page - Analog Devices ADPD107 Datasheet HTML 21Page - Analog Devices ADPD107 Datasheet HTML 22Page - Analog Devices ADPD107 Datasheet HTML 23Page - Analog Devices ADPD107 Datasheet HTML 24Page - Analog Devices ADPD107 Datasheet HTML 25Page - Analog Devices ADPD107 Datasheet HTML 26Page - Analog Devices ADPD107 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 23 of 66
STATE MACHINE OPERATION
During each time slot, the ADPD105/ADPD106/ADPD107
operate according to a state machine. The state machine
operates in the following sequence, shown in Figure 24.
STANDBY
REGISTER 0x10 = 0x0000
ULTRALOW POWER MODE
NO DATA COLLECTION
ALL REGISTER VALUES ARE RETAINED.
PROGRAM
REGISTER 0x10 = 0x0001
SAFE MODE FOR PROGRAMING REGISTERS
NO DATA COLLECTION
DEVICE IS FULLY POWERED IN THIS MODE.
NORMAL OPERATION
REGISTER 0x10 = 0x0002
LEDs ARE PULSED AND PHOTODIODES ARE SAMPLED
STANDARD DATA COLLECTION
DEVICE POWER IS CYCLED BY INTERNAL STATE MACHINE.
Figure 24. State Machine Operation Flowchart
The ADPD105/ADPD106/ADPD107 operate in one of three
modes: standby, program, and normal sampling mode.
Standby mode is a power saving mode in which no data collection
occurs. All register values are retained in this mode. To place
the devices in standby mode, write 0x0 to Register 0x10,
Bits[1:0]. The devices power up in standby mode.
Program mode is used for programming registers. Always cycle
the ADPD105/ADPD106/ADPD107 through program mode
when writing registers or changing modes. Because no power
cycling occurs in this mode, the devices may consume higher
current in program mode than in normal operation. To place
the devices in program mode, write 0x1 to Register 0x10, Bits[1:0].
In normal operation, the ADPD105/ADPD106/ADPD107 pulse
light and collect data. Power consumption in this mode depends
on the pulse count and data rate. To place the devices in normal
sampling mode, write 0x2 to Register 0x10, Bits[1:0].
NORMAL MODE OPERATION AND DATA FLOW
In normal mode, the ADPD105/ADPD106/ADPD107 follow a
specific pattern set up by the state machine. This pattern is shown
in the corresponding data flow in Figure 25. The pattern is as
follows:
1.
LED pulse and sample. The ADPD105/ADPD106/ADPD107
pulse external LEDs. The response of a photodiode or photo-
diodes to the reflected light is measured by the ADPD105/
ADPD106/ADPD107. Each data sample is constructed from
the sum of n individual pulses, where n is user configurable
between 1 and 255.
2.
Intersample averaging. If desired, the logic can average n
samples, from 2 to 128 in powers of 2, to produce output
data. New output data is saved to the output registers every
N samples.
3.
Data read. The host processor reads the converted results
from the data register or the FIFO.
4.
Repeat. The sequence has a few different loops that enable
different types of averaging while keeping both time slots
close in time relative to each other.
SAMPLE 1: TIME SLOT B
16 BITS
[14 + LOG2(nA)] BITS
UP TO 20 BITS
[14 + LOG2(nA × NA)] BITS
UP TO 27 BITS
[14 + LOG2(nB × NB)] BITS
UP TO 27 BITS
TIME SLOT B
TIME SLOT A
16-BIT CLIP
IF VAL ≤ (216 –1)
VAL = VAL
ELSE VAL = 216 –1
NA
NOTES
1. nA AND nB = NUMBER OF LED PULSES FOR TIME SLOT A AND TIME SLOT B.
2. NA AND NB = NUMBER OF AVERAGES FOR TIME SLOT A AND TIME SLOT B.
16 BITS
[14 + LOG2(nB)] BITS
UP TO 20 BITS
16-BIT CLIP
IF VAL ≤ (216 –1)
VAL = VAL
ELSE VAL = 216 –1
NB
1
NB
ADC OFFSET
[14 + LOG2(nA)] BITS
UP TO 22 BITS
SAMPLE 1: TIME SLOT A
SAMPLE NB: TIME SLOT B
SAMPLE NA: TIME SLOT A
14 BITS
14 BITS
20-BIT CLIP
IF VAL ≤ (220 –1)
VAL = VAL
ELSE VAL = 220 –1
nA
nA
14-BIT
ADC
1
nA
1
NA
FIFO
32-BIT DATA
REGISTERS
16-BIT
DATA
REGISTERS
01
01
REGISTER
0x11[13]
Figure 25. ADPD105/ADPD106/ADPD107 Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com