Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD107 Datasheet(PDF) 29 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 25Page - Analog Devices ADPD107 Datasheet HTML 26Page - Analog Devices ADPD107 Datasheet HTML 27Page - Analog Devices ADPD107 Datasheet HTML 28Page - Analog Devices ADPD107 Datasheet HTML 29Page - Analog Devices ADPD107 Datasheet HTML 30Page - Analog Devices ADPD107 Datasheet HTML 31Page - Analog Devices ADPD107 Datasheet HTML 32Page - Analog Devices ADPD107 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 29 of 66
A sample timing diagram for a multiple word SPI write operation
to a register is shown in Figure 31. A sample timing diagram of
a single-word SPI read operation is shown in Figure 32. The
MISO pin transitions from being three-state to being driven
following the reception of a valid R bit. In this example, Byte 0
contains the address and the W/R bit, and subsequent bytes
carry the data. A sample timing diagram of a multiple word SPI
read operation is shown in Figure 33. In Figure 31 to Figure 33,
rising edges on SCLK are indicated with an arrow, signifying
that the data lines are sampled on the rising edge.
When performing multiple word reads or writes, the data
address is automatically incremented to the next consecutive
address for subsequent transactions except for Address 0x5F,
Address 0x60 (FIFO), and Address 0x7F.
0
123
4567
89 10 11 12 13 14 15 16 17 18 19 20 21 22
CS
SCLK
MOSI
DATA BYTE 1
DATA BYTE 2
DATA BYTE N
ADDRESS[6:0]
W/R
Figure 31. SPI Slave Write Clocking (Burst Write Mode, N Bytes)
0123
4567
89 10 11 12 13 14 15 16 17 18 19 20 21 22
SCLK
MOSI
MISO
DATA BYTE 1
DATA BYTE 2
ADDRESS[6:0]
W/R
23
CS
Figure 32. SPI Slave Read Clocking (Single-Word Mode, Two Bytes)
01234 56789 10 11 12 13 14 15 16 17 18 19 20 21 22
SCLK
MOSI
MISO
DATA BYTE 1
DATA BYTE 2
DATA BYTE N
ADDRESS[6:0]
W/R
CS
Figure 33. SPI Slave Read Clocking (Burst Read Mode, N Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com