Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD107 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 23Page - Analog Devices ADPD107 Datasheet HTML 24Page - Analog Devices ADPD107 Datasheet HTML 25Page - Analog Devices ADPD107 Datasheet HTML 26Page - Analog Devices ADPD107 Datasheet HTML 27Page - Analog Devices ADPD107 Datasheet HTML 28Page - Analog Devices ADPD107 Datasheet HTML 29Page - Analog Devices ADPD107 Datasheet HTML 30Page - Analog Devices ADPD107 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 27 of 66
I2C SERIAL INTERFACE
The ADPD105 supports an I2C serial interface via the SDA
(data) and SCL (clock) pins. All internal registers are accessed
through the I2C interface. The ADPD105 is an I2C only device
and does not support an SPI.
The ADPD105 conforms to the UM10204 I2C-Bus Specification
and User Manual, Rev. 05—9 October 2012, available from NXP
Semiconductors. It supports a fast mode (400 kbps) data transfer.
Register read and write are supported, as shown in Figure 29.
Figure 3 shows the timing diagram for the I2C interface.
Slave Address
The default 7-bit I2C slave address for the device is 0x64,
followed by the R/W bit. For a write, the default I2C slave
address is 0xC8; for a read, the default I2C address is 0xC9. The
slave address is configurable by writing to Register 0x09, Bits[7:1].
When multiple ADPD105 devices are on the same bus lines, the
GPIO0 and GPIO1 pins can be used to select specific devices
for the address change. Register 0x0D can be used to select a
key to enable address changes in specific devices. Use the
following procedure to change the slave address when multiple
ADPD105 devices are connected to the same I2C bus lines:
1.
Using Register 0x4F, enable the input buffer of the GPIO1 pin,
the GPIO0 pin, or both, depending on the key being used.
2.
For the device identified as requiring an address change,
set the GPIO0 and/or GPIO1 pins high or low to match the
key being used.
3.
Write the SLAVE_ADDRESS_KEY bits using Register 0x0D,
Bits[15:0] to match the desired function. The allowed keys
are shown in Table 33.
4.
Write the desired SLAVE_ADDRESS bits using Register 0x09,
Bits[7:1]. While writing to Register 0x09, Bits[7:1], write
0xAD to Register 0x09, Bit[15:8]. Register 0x09 must be
written to immediately after writing to Register 0x0D.
5.
Repeat Step 1 to Step 4 for all the devices that need
SLAVE_ADDRESS changed.
6.
Set the GPIO0 and GPIO1 pins as desired for normal
operation using the new SLAVE_ADDRESS for each device.
I2C Write and Read Operations
Figure 29 illustrates the ADPD105 I2C write and read operations.
Single-word and multiword read operations are supported. For
a single register read, the host sends a no acknowledge (NACK)
after the second data byte is read and a new register address is
needed for each access.
For multiword operations, each pair of data bytes is followed by
an acknowledge from the host until the last byte of the last word
is read. The host indicates the last read word by sending a no
acknowledge. When reading from the FIFO (Register 0x60), the
data is automatically advanced to the next word in the FIFO
and the space is freed. When reading from other registers, the
register address is automatically advanced to the next register,
except at Register 0x5F or Register 0x7F, where the address does
not increment. This autoincrementing allows lower overhead
reading of sequential registers.
All register writes are single word only and require 16 bits (one
word) of data.
The software reset (Register 0x0F, Bit 0) returns an acknowledge.
The device then returns to standby mode with all registers in
the default state.
Table 19. Definition of I2C Terminology
Term
Description
SCL
Serial clock.
SDA
Serial address and data.
Master
The master is the device that initiates a transfer, generates clock signals, and terminates a transfer.
Slave
The slave is the device addressed by a master. The ADPD105 operates as a slave device.
Start (S)
A high to low transition on the SDA line while SCL is high; all transactions begin with a start condition.
Start (Sr)
Repeated start condition.
Stop (P)
A low to high transition on the SDA line while SCL is high. A stop condition terminates all transactions.
ACK
During the acknowledge or no acknowledge clock pulse, the SDA line is pulled low and remains low.
NACK
During the acknowledge or no acknowledge clock pulse, the SDA line remains high.
Slave Address
After a start (S), a 7-bit slave address is sent, which is followed by a data direction bit (read or write).
Read (R)
A 1 indicates a request for data.
Write (W)
A 0 indicates a transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com