Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD188GG Datasheet(PDF) 39 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 39 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 35Page - Analog Devices ADPD188GG Datasheet HTML 36Page - Analog Devices ADPD188GG Datasheet HTML 37Page - Analog Devices ADPD188GG Datasheet HTML 38Page - Analog Devices ADPD188GG Datasheet HTML 39Page - Analog Devices ADPD188GG Datasheet HTML 40Page - Analog Devices ADPD188GG Datasheet HTML 41Page - Analog Devices ADPD188GG Datasheet HTML 42Page - Analog Devices ADPD188GG Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 39 of 61
Register Address
Group
Register Name
Time Slot A
Time Slot B
Float Mode Description
SLOTx_AFE_WIDTH
0x39,Bits[15:11]
0x3B, Bits[15:11]
Integration time in μs. set to FLT_CONN + 1.
SLOTx_AFE_OFFSET
0x39, Bits[10:0]
0x3B, Bits[10:0]
Integrator start time in 31.25 ns increments. Set to
(SLOTx_LED_OFFSET – SLOTx_AFE_WIDTH − 9.25) μs.
SLOTx_PULSES
0x31, Bits[15:8]
0x36, Bits[15:8]
Number of pulses; must be set in multiples of 2,
minimum 2.
FLT_LED_WIDTH_x
0x3E, Bits[12:8]
0x3F, Bits[12:8]
LED pulse width for float LED mode in μs.
FLT_LED_OFFSET_x
0x3E, Bits[7:0]
0x3F, Bits[7:0]
Time of first LED pulse in float LED mode.
FLT_LED_FIRE_x
0x5A, Bits[11:8]
0x5A, Bits[15:12]
In any given sequence of four pulses, fire the LED in the
selected position. Selections are active low (that is, fire LED
if 0). For example, in a sequence of four pulses on Time Slot B,
Register 0x5A, Bit 12 is the first pulse, and Register 0x5A,
Bit 15 is the fourth pulse. For a sequence of four pulses, fire
the LED in the second and third pulses by writing 0x9 to
Register 0x5A, Bits[15:12].
A timing diagram for a four pulse float LED sequence for
Time Slot B is shown in Figure 40. In this example, the device is
set up for LED pulses of 12 μs that fall within a float period of
16 μs, 2 μs of which are used for dumping of the accumulated
charge on the photodiode. The integration time is set to 3 μs, which
is 1 μs more than the charge dump time to allow for timing margin
when integrating the incoming charge. Note, there is a 9 μs offset
built into the integration start time. Take this offset into account
when setting the SLOTx_AFE_OFFSET value. As shown in
Figure 40, the time of the first charge dump is set to 30 μs. SLOTx_
AFE_OFFSET is set to 0x238 (17.75 μs), taking into account the
3 μs integration time, the 9 μs offset, and an additional 250 ns
for edge placement margin.
To calculate SLOTx_AFE_OFFSET, use the following equation:
SLOTx_AFE_OFFSET = SLOTx_LED_OFFSET –
SLOTx_AFE_WIDTH − 9.25 μs
Placement of the integration period is such that the negative
phase of the integration is centered on the charge dump phase.
The TIA is an inverting stage, therefore, placing the negative
phase of the integration during the dumping of the charge from
the photodiode causes the integrator to increase with the
negative going output signal from the TIA.
The LED flashes in the second and third pulses of the four pulse
sequence. Setting Register 0x58, Bits[6:5] = 2 and Register 0x58,
Bits[11:10] = 1 forces the device to add the second and third
pulses while subtracting the first and fourth pulses, effectively
cancelling out the ambient light and electrical offsets and drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com