Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD188GG Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 9Page - Analog Devices ADPD188GG Datasheet HTML 10Page - Analog Devices ADPD188GG Datasheet HTML 11Page - Analog Devices ADPD188GG Datasheet HTML 12Page - Analog Devices ADPD188GG Datasheet HTML 13Page - Analog Devices ADPD188GG Datasheet HTML 14Page - Analog Devices ADPD188GG Datasheet HTML 15Page - Analog Devices ADPD188GG Datasheet HTML 16Page - Analog Devices ADPD188GG Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 13 of 61
THEORY OF OPERATION
INTRODUCTION
The ADPD188GG is a complete, integrated, optical module
designed for photoplethysmography (PPG) measurements.
The module contains two optical detectors. Photodiode 1 (PDET1)
has 0.4 mm2 of active area and is connected to Channel 3 of the
ASIC. Photodiode 2 (PDET2) has 0.8 mm2 of active area and is
connected to Channel 4 of the ASIC. The two photodiodes can be
combined into a single detector with 1.2 mm2 of active area.
Both photo-diodes are coated with an infrared (IR) cut filter
that maximizes ambient light rejection without the need for other
light cancellation techniques.
The module combines the dual photodetector with two green
LEDs, and a mixed-signal, photometric, front-end ASIC into a
single compact device for optical measurements. The on-board
ASIC includes an analog signal processing block, an ADC, a
digital signal processing block, an I2C and SPI communication
interface, and three, independently programmable, pulsed LED
current sources.
The core circuitry stimulates the LEDs and measures the
corresponding optical return signals in discrete data locations.
Data can be read from output registers directly or through a
first in, first out (FIFO) buffer.
This highly integrated system works well in environments where
ambient light is poorly controlled and the signal modulation
ratio is low. As a result, the device produces high SNR for
relatively low LED power.
OPTICAL COMPONENTS
Photodiode
The ADPD188GG integrates a 1.2 mm2 deep junction photodiode.
The optical sensing area is a dual detector that is connected to
Channel PD3 and Channel PD4 in the ASIC. The photodiodes
are accessible from Time Slot A or Time Slot B. The responsivity
of the ADPD188GG photodiode is shown in Figure 6.
LEDs
The ADPD188GG module integrates two green LEDs.
Table 10. LED Dominant Wavelength
LED Color
Driver
Typical Wavelength (nm)
Green (2×)
LED1
525
In addition to the integrated LEDs, the ADPD188GG has the
ability to drive external LEDs.
1.67
1.42
5.0
PD1
PD2
Figure 13. Optical Component Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com