Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD188GG Datasheet(PDF) 48 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 48 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 44Page - Analog Devices ADPD188GG Datasheet HTML 45Page - Analog Devices ADPD188GG Datasheet HTML 46Page - Analog Devices ADPD188GG Datasheet HTML 47Page - Analog Devices ADPD188GG Datasheet HTML 48Page - Analog Devices ADPD188GG Datasheet HTML 49Page - Analog Devices ADPD188GG Datasheet HTML 50Page - Analog Devices ADPD188GG Datasheet HTML 51Page - Analog Devices ADPD188GG Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
ADPD188GG
Data Sheet
Rev. B | Page 48 of 61
Address
Data Bit
Default
Value
Access
Name
Description
0x30
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
R/W
SLOTA_LED_WIDTH
LED pulse width (in 1 µs step) for Time Slot A.
[7:0]
0x20
R/W
SLOTA_LED_OFFSET
LED offset width (in 1 µs step) for Time Slot A.
0x31
[15:8]
0x08
R/W
SLOTA_PULSES
LED Time Slot A pulse count. nA: number of LED pulses in
Time Slot A.
[7:0]
0x18
R/W
SLOTA_PERIOD
8 LSBs of LED Time Slot A pulse period (in 1 µs step).
0x34
[15:10]
0x00
R/W
Reserved
Write 0x0.
9
0x0
R/W
SLOTB_LED_DIS
Time Slot B LED disable. 1: disables the LED assigned to Time Slot B.
Register 0x34 keeps the drivers active and prevents them from
pulsing current to the LEDs. Disabling both LEDs via this register
is often used to measure the dark level.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
8
0x0
R/W
SLOTA_LED_DIS
Time Slot A LED disable. 1: disables the LED assigned to Time Slot A.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
[7:0]
0x00
R/W
Reserved
Write 0x00.
0x35
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
SLOTB_LED_WIDTH
LED pulse width (in 1 µs step) for Time Slot B.
[7:0]
0x20
SLOTB_LED_OFFSET
LED offset width (in 1 µs step) for Time Slot B.
0x36
[15:8]
0x08
R/W
SLOTB_PULSES
LED Time Slot B pulse count. nB: number of LED pulses in Time Slot B.
[7:0]
0x18
R/W
SLOTB_PERIOD
8 LSBs of LED Time Slot B pulse period (in 1 µs step).
1
LED equations provide an estimate of the LED current to within ±20% at 25°C when applying 5.0 V on the VLEDx pin. This current varies with the VLEDx supply level
and temperature.
AFE CONFIGURATION REGISTERS
Table 28. AFE Global Configuration Registers
Address
Data Bit
Default
Value
Access
Name
Description
0x37
[15:13]
0x0
R/W
CH34_DISABLE
Power-down options for Channel 3 and Channel 4 only.
Bit 13: power down Channel 3, Channel 4 TIA op amp.
Bit 14: power down Channel 3, Channel 4 BPF op amp.
Bit 15: power down Channel 3, Channel 4 integrator op amp.
[12:10]
0x0
R/W
CH2_DISABLE
Bit 10: power down Channel 2 TIA op amp.
Bit 11: power down Channel 2 BPF op amp.
Bit 12: power down Channel 2 integrator op amp.
[9:8]
0x0
R/W
SLOTB_PERIOD
8 MSBs of LED Time Slot B pulse period.
[7:2]
0x00
R/W
Reserved
Write 0x00
[1:0]
0x0
R/W
SLOTA_PERIOD
8 MSBs of LED Time Slot A pulse period.
0x3C
[15:14]
0x0
R/W
Reserved
Write 0x0.
[13:11]
0x6
R/W
Reserved
Write 0x6.
10
0x0
R/W
Reserved
Reserved.
9
0x0
R/W
V_CATHODE
0x0: 1.3 V (identical to anode voltage).
0x1: 1.8 V (reverse bias photodiode by 550 mV). This
setting may add noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com