Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD188GG Datasheet(PDF) 23 Page - Analog Devices

Part # ADPD188GG
Description  Integrated Optical Module with Ambient Light Rejection and Two LEDs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD188GG Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPD188GG Datasheet HTML 19Page - Analog Devices ADPD188GG Datasheet HTML 20Page - Analog Devices ADPD188GG Datasheet HTML 21Page - Analog Devices ADPD188GG Datasheet HTML 22Page - Analog Devices ADPD188GG Datasheet HTML 23Page - Analog Devices ADPD188GG Datasheet HTML 24Page - Analog Devices ADPD188GG Datasheet HTML 25Page - Analog Devices ADPD188GG Datasheet HTML 26Page - Analog Devices ADPD188GG Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Data Sheet
ADPD188GG
Rev. B | Page 23 of 61
RECOMMENDED START-UP SEQUENCE
At power-up, the device is in standby mode (Register 0x10 =
0x0), as shown in Figure 17. The ADPD188GG does not
require a particular power-up sequence.
From standby mode, to begin measurement, initiate the
ADPD188GG as follows:
1. Set the CLK32K_EN bit (Register 0x4B, Bit 7) to start the
sample clock (32 kHz clock). This clock controls the state
machine. If this clock is off, the state machine is not able to
transition as defined by Register 0x10.
2. Write 0x1 to Register 0x10 to force the device into
program mode. Step 1 and Step 2 can be swapped, but the
actual state transition does not occur until both steps
occur.
3. Write additional control registers in any order while the
device is in program mode to configure the devices as
required.
4. Write 0x2 to Register 0x10 to start normal sampling
operation.
To terminate normal operation, follow this sequence to place
the ADPD188GG in standby mode:
1. Write 0x1 to Register 0x10 to force the devices into
program mode.
2. Write to the registers in any order while the devices are in
program mode.
3. Write 0x00FF to Register 0x00 to clear all interrupts. If
desired, clear the FIFO as well by writing 0x80FF to
Register 0x00.
4. Write 0x0 to Register 0x10 to force the devices into
standby mode.
5. Optionally, stop the 32 kHz clock by resetting the CLK32K_
EN bit (Register 0x4B, Bit 7). Register 0x4B, Bit 7 = 0 is the
only write that must be written when the device is in standby
mode (Register 0x10 = 0x0). If 0 is written to this bit while in
program mode or normal mode, the devices become
unable to transition into any other mode, including standby
mode, even if they are subsequently written to do so. As a
result, the power consumption in what appears to be standby
mode is greatly elevated. For this reason, and due to the very
low current draw of the 32 kHz clock while in operation, it
is recommended from an ease of use perspective to keep the
32 kHz clock running after it is turned on.
READING DATA
The ADPD188GG provides multiple methods for accessing the
sample data. Each time slot can be independently configured to
provide data access using the FIFO or the data registers. Interrupt
signaling is also available to simplify timely data access. The
FIFO is available to loosen the system timing requirements for
data accesses.
Reading Data Using the FIFO
The ADPD188GG includes a 128-byte FIFO memory buffer
that can be configured to store data from either or both time
slots. Register 0x11 selects the type of data from each time slot
to be written to the FIFO. Note that both time slots can be enabled
to use the FIFO, but only if their output data rate is the same.
Output Data Rate = fSAMPLE/Nx
where:
fSAMPLE is the sampling frequency.
Nx is the averaging factor for each time slot (NA for Time Slot A
and NB for Time Slot B). In other words, NA = NB must be true
to store data from both time slots in the FIFO.
Data packets are written to the FIFO at the output data rate. A
data packet for the FIFO consists of a complete sample for each
enabled time slot. Data for each photodiode channel can be stored
as either 16 or 32 bits. Each time slot can store 2, 4, 8, or 16 bytes of
data per sample, depending on the mode and data format. To
ensure that data packets are intact, new data is only written to
the FIFO if there is sufficient space for a complete packet. Any
new data that arrives when there is not enough space is lost.
The FIFO continues to store data when sufficient space exists.
Always read FIFO data in complete packets to ensure that data
packets remain intact.
The number of bytes currently stored in the FIFO is available in
Register 0x00, Bits[15:8]. A dedicated FIFO interrupt is also
available and automatically generates when a specified amount
of data is written to the FIFO.
Interrupt-Based Method
To read data from the FIFO using an interrupt-based method,
use the following procedure:
1. In program mode, set the configuration of the time slots as
desired for operation.
2. Write Register 0x11 with the desired data format for each
time slot.
3. Set FIFO_THRESH in Register 0x06, Bits[13:8] to the
interrupt threshold. A recommended value for this is the
number of 16-bit words in a data packet, minus 1. This
causes an interrupt to generate when there is at least one
complete packet in the FIFO.
4. Enable the FIFO interrupt by writing a 0 to the FIFO_
INT_MASK in Register 0x01, Bit 8. Also, configure the
interrupt pin (GPIO0) by writing the appropriate value to
the bits in Register 0x02.
5. Enter normal operation mode by setting Register 0x10 to 0x2.
6. When an interrupt occurs,
a. There is no requirement to read the FIFO_SAMPLES bits,
because the interrupt is generated only if there is one or
more full packets. Optionally, the interrupt routine can
check for the presence of more than one available
packet by reading these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com