Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1409BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADGS1409BCPZ
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGS1409BCPZ Datasheet HTML 22Page - Analog Devices ADGS1409BCPZ Datasheet HTML 23Page - Analog Devices ADGS1409BCPZ Datasheet HTML 24Page - Analog Devices ADGS1409BCPZ Datasheet HTML 25Page - Analog Devices ADGS1409BCPZ Datasheet HTML 26Page - Analog Devices ADGS1409BCPZ Datasheet HTML 27Page - Analog Devices ADGS1409BCPZ Datasheet HTML 28Page - Analog Devices ADGS1409BCPZ Datasheet HTML 29Page - Analog Devices ADGS1409BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 26 of 34
ROUND ROBIN MODE
Round robin mode allows the ADGS1408/ADGS1409 to cycle
through the channels faster by reducing the overhead needed
from the digital interface to switch from one channel to the next.
The round robin configuration register selects which channels
are to be included in a cycle, and the CNV edge select register
selects on which edge of CNV the ADGS1408/ADGS1409 switch
to the next channel in the sequence. At the end of the channel
cycle, a resync pulse appears on SDO to inform the user that the
current cycle ended; then, SDO loops back to the start of the
sequence of channels. Figure 51 shows an example of the round
robin mode interface, and Figure 52 shows the CNV signal of
the analog-to-digital converter (ADC) being used in conjunction
with the ADGS1408 in round robin mode.
After configuration completes, the round robin enable register
allows the ADGS1408/ADGS1409 to enter round robin mode.
When in round robin mode, the SPI is no longer used to switch
between channels. Instead, to switch from one channel to another,
ensure that a digital signal is present on the CNV pin while CS
is pulled low.
To exit round robin mode, either perform a hardware reset or send
the following two 16-bit addressable mode SPI frames: 0xA318,
followed by 0xE3B4. These frames are the only SPI commands
recognized by the SPI interface while in round robin mode.
Round robin mode is significantly faster than addressable mode
to cycle through channels because it removes the 16-bit overhead
required to change input channel. In addition, round robin mode
removes the need for SCLK to be running, which reduces the
digital current consumption, IL. The maximum CNV frequency
is bound by the transition time of the device along with the
required settling time for the application.
CNV
MUX
CHANNEL
XS1
S2
S(LAST)
ROUND ROBIN CYCLE
SDO
RESYNC
CS
Figure 51. Round Robin Mode Interface Example
CNV
ACQUISITION
ACQUISITION
tACQ
tCYC
tCONV
tDIS
tEN
CONVERSION
SCK
SDO
MUX
CHANNEL
D15
D14
N + 2
N + 1
N
D13
D1
D0
12
3
14
15
16
AD7980 SDO
SDI
SDI
DATA IN
DIGITAL HOST
CLK
VIO
CNV
SCK
CONVERT
IN0
IN1
IN2
IN7
ADGS1408
SCK
CS
GPO
GPO
CNV
D
IN±
S1
S2
S8
S3
Figure 52. Example of the CNV Signal of an ADC Cycling Through Channels in the ADGS1408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com