Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1409BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADGS1409BCPZ
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADGS1409BCPZ Datasheet HTML 13Page - Analog Devices ADGS1409BCPZ Datasheet HTML 14Page - Analog Devices ADGS1409BCPZ Datasheet HTML 15Page - Analog Devices ADGS1409BCPZ Datasheet HTML 16Page - Analog Devices ADGS1409BCPZ Datasheet HTML 17Page - Analog Devices ADGS1409BCPZ Datasheet HTML 18Page - Analog Devices ADGS1409BCPZ Datasheet HTML 19Page - Analog Devices ADGS1409BCPZ Datasheet HTML 20Page - Analog Devices ADGS1409BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 17 of 34
FREQUENCY (Hz)
0
–140
–120
–100
–80
–60
–40
–20
1k
1G
100M
10M
1M
100k
10k
VDD = +15V
VSS = –15V
TA = 25°C
Figure 21. Off Isolation vs. Frequency, ±15 V Dual Supply
FREQUENCY (Hz)
0
–140
–120
–100
–80
–60
–40
–20
VDD = +15V
VSS = –15V
TA = 25°C
1k
1G
100M
10M
1M
100k
10k
Figure 22. ADGS1408 Crosstalk vs. Frequency, ±15 V Dual Supply
FREQUENCY (Hz)
0
–140
–120
–100
–80
–60
–40
–20
VDD = +15V
VSS = –15V
TA = 25°C
ADJACENT CHANNELS
NON-ADJACENT CHANNELS
1k
1G
100M
10M
1M
100k
10k
Figure 23. ADGS1409 Crosstalk vs. Frequency, ±15 V Dual Supply
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100nF DECOUPLING CAP
10uF + 100nF DECOUPLING CAP
NO DECOUPLING
VDD = +15V
VSS = –15V
TA = 25°C
Figure 24. AC Power Supply Rejection Ratio (ACPSRR) vs. Frequency,
±15 V Dual Supply
0
10
100k
FREQUENCY (Hz)
0.09
0.10
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
100
1k
10k
LOAD = 110Ω
TA = 25°C
VDD = +5V, VSS = –5V, VS = +5V p-p
VDD = +15V, VSS = –15V, VS = +15V p-p
Figure 25. THD + N vs. Frequency
0
–4.0
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VDD = +15V
VSS = –15V
TA = 25°C
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
Figure 26. ADGS1408 Insertion Loss vs. Frequency, ±15 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com