Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1409BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADGS1409BCPZ
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGS1409BCPZ Datasheet HTML 10Page - Analog Devices ADGS1409BCPZ Datasheet HTML 11Page - Analog Devices ADGS1409BCPZ Datasheet HTML 12Page - Analog Devices ADGS1409BCPZ Datasheet HTML 13Page - Analog Devices ADGS1409BCPZ Datasheet HTML 14Page - Analog Devices ADGS1409BCPZ Datasheet HTML 15Page - Analog Devices ADGS1409BCPZ Datasheet HTML 16Page - Analog Devices ADGS1409BCPZ Datasheet HTML 17Page - Analog Devices ADGS1409BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 14 of 34
2
1
3
4
5
6
18
17
16
15
14
13
GPO3
S3A
GND
S2A
S1A
VSS
NOTES
1. THE EXPOSED PAD IS CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER JOINTS
AND MAXIMUM THERMAL CAPABILITY, IT IS RECOMMENDED
THAT THE EXPOSED PAD BE SOLDERED TO THE SUBSTRATE, VSS.
S3B
S2B
CNV
S1B
VDD
RESET/VL
ADGS1409
TOP VIEW
(Not to Scale)
Figure 8. ADGS1409 Pin Configuration
Table 10. ADGS1409 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VSS
Most Negative Power Supply Potential. In single-supply applications, tie this pin to ground.
2
S1A
Source Terminal 1A. This pin can be an input or output.
3
S2A
Source Terminal 2A. This pin can be an input or output.
4
GND
Ground (0 V) Reference.
5
S3A
Source Terminal 3A. This pin can be an input or output.
6
GPO3
General-Purpose Output 3. This pin is a digital output.
7
S4A
Source Terminal 4A. This pin can be an input or output.
8
GPO4
General-Purpose Output 4. This pin is a digital output.
9
DA
Drain Terminal A. This pin can be an input or output.
10
DB
Drain Terminal B. This pin can be an input or output.
11
GPO5
General-Purpose Output 5. This pin is a digital output.
12
S4B
Source Terminal 4B. This pin can be an input or output.
13
S3B
Source Terminal 3B. This pin can be an input or output.
14
RESET/VL
RESET/Logic Power Supply Input (VL). Under normal operation, drive the RESET/VL pin with a 2.7 V to 5.5 V supply.
Pull the RESET/VL pin low to complete a hardware reset. After a reset, all switches open, and the appropriate
registers are set to their default.
15
S2B
Source Terminal 2B. This pin can be an input or output.
16
CNV
Convert Digital Input. When in round robin mode, the CNV pin is used to cycle through the selected channels.
17
S1B
Source Terminal 1B. This pin can be an input or output.
18
VDD
Most Positive Power Supply Potential.
19
GPO1
General-Purpose Output 1. This pin is a digital output.
20
SDO
Serial Data Output. This pin can be used for daisy chaining a number of these devices together or for reading
back the data stored in a register for diagnostic purposes. The serial data is propagated on the falling edge of
SCLK. Pull this open-drain output to VL with an external resistor.
21
CS
Active Low Control Input. CS is the frame synchronization signal for the input data.
22
SCLK
Serial Clock Input. Data is captured on the positive edge of SCLK. Data can be transferred at rates of up to 50 MHz.
23
SDI
Serial Data Input. Data is captured on the positive edge of the serial clock input.
24
GPO2
General-Purpose Output 2. This pin is a digital output.
EPAD
Exposed Pad. The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the exposed pad be soldered to the substrate, VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com