Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1409BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADGS1409BCPZ
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADGS1409BCPZ Datasheet HTML 1Page - Analog Devices ADGS1409BCPZ Datasheet HTML 2Page - Analog Devices ADGS1409BCPZ Datasheet HTML 3Page - Analog Devices ADGS1409BCPZ Datasheet HTML 4Page - Analog Devices ADGS1409BCPZ Datasheet HTML 5Page - Analog Devices ADGS1409BCPZ Datasheet HTML 6Page - Analog Devices ADGS1409BCPZ Datasheet HTML 7Page - Analog Devices ADGS1409BCPZ Datasheet HTML 8Page - Analog Devices ADGS1409BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 4 of 34
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
145
ns typ
RL = 100 Ω, CL = 35 pF
185
220
245
ns max
VS = 10 V, see Figure 40
tON (EN)
120
ns typ
RL = 100 Ω, CL = 35 pF
165
185
200
ns max
VS = 10 V, see Figure 41
tOFF (EN)
125
ns typ
RL = 100 Ω, CL = 35 pF
155
175
195
ns max
VS = 10 V, see Figure 41
Break-Before-Make Time Delay, tD
40
ns typ
RL = 100 Ω, CL = 35 pF
20
ns min
VS1 = VS2 = 10 V, see Figure 39
Charge Injection, QINJ
−50
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
see Figure 42
Off Isolation
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 34
Channel to Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 33
Total Harmonic Distortion + Noise
0.025
% typ
RL = 110 Ω, 15 V p-p, f = 20 Hz to
20 kHz, see Figure 36
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 37
ADGS1408
60
MHz typ
ADGS1409
115
MHz typ
Insertion Loss
0.24
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 26 and Figure 27
CS (Off )
14
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
VS = 0 V, f = 1 MHz
ADGS1408
80
pF typ
ADGS1409
40
pF typ
CD (On), CS (On)
VS = 0 V, f = 1 MHz
ADGS1408
135
pF typ
ADGS1409
90
pF typ
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
All switches open
1
μA max
220
μA typ
S8/S4A closed, VL = 5.5 V
380
μA max
270
μA typ
S8/S4A closed, VL = 2.7 V
440
μA max
IL
Inactive
6.3
μA typ
Digital inputs = 0 V or VL
8.0
μA max
Inactive, SCLK = 1 MHz
14
μA typ
CSE = VL and SDI = 0 V or VL, VL = 5 V
7
μA typ
CSE = VL and SDI = 0 V or VL, VL = 3 V
SCLK = 50 MHz
390
μA typ
CSE = VL and SDI = 0 V or VL, VL = 5 V
210
μA typ
CSE = VL and SDI = 0 V or VL, VL = 3 V
Inactive, SDI = 1 MHz
15
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
7.5
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
SDI = 25 MHz
230
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
120
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com