Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823BGCB Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 16Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 17Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 18Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 19Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 20Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 21Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 22Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 23Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 20
Auxiliary Inputs
The AUXIN1 and AUXIN2 inputs can be used to measure external temperatures by enabling MEASUREEN[13:12].
These inputs have a common-mode input range of 0V to VAA. For these measurements, the ADC reference voltage
is VTHRM which is switched from VAA as shown in Figure 5. The auxiliary inputs are not oversampled even if
oversampling is enabled; they are measured only once and stored as 12-bit values in the AIN1 and AIN2 registers.
Figure 5. Auxiliary Measurement
To measure external temperature the auxiliary input is connected to a voltage divider consisting of a 10KΩ pull-up
to THRM and a 10KΩ NTC thermistor to ground as shown in Figure 6.
t
t
AUXIN2
AUXIN1
AGND
THRM
R61
10kΩ
R60
10kΩ
RTH1
10kΩ
RTH2
10kΩ
C61
100pF
C60
100pF
C62
100pF
Thermistor
wire harness
Figure 6. Auxiliary Application Circuit
-
+
LV
MUX
ADC
VREF
THRM
Conversions
in Progress
VAA
AUXIN1
AUXIN2
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com