Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823BGCB Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 42Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 43Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 44Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 45Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 46Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 47Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 48Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 49Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 46
Battery Management UART Protocol
The Battery-Management UART Protocol uses the following features to maximize the integrity of the
communications:
•
All transmitted data bytes are Manchester-encoded where each data bit is transmitted twice with the
second bit inverted (G.E. Thomas convention).
•
Every transmitted character contains 12 bits which include a start bit, a parity bit, and two stop bits.
•
Read/write packets contain a CRC-8 Packet Error Checking (PEC) byte
•
Each packet is framed by a preamble character and stop character.
•
Read packets contains a data-check byte for verifying the integrity of the transmission.
The protocol is also designed to minimize power-consumption by allowing slave devices to shut down if the UART
is idle for a specified period of time. The host must periodically transmit data to prevent shutdown unless the SHDNL
input is driven externally.
Command Packet
A command packet is defined as a sequence of UART characters originating at the host. Each packet starts with a
preamble character, followed by data characters, and ending with a stop character as shown in Figure 27. After
sending a packet, the host either goes into idle mode or sends another packet.
Figure 27. Command Packet
Preamble Character
The preamble is a framing character that signals the beginning of a command packet. It is transmitted as an un-
encoded 15h with a logic one parity bit and a balanced duty-cycle. If any bit(s) other than the stop bits deviate from
the unique preamble sequence, then the character is not interpreted as a valid preamble, but rather as a data
character.
S
1
1
0
0
1
0
0
0
E=1
P
P
Optional
Idle
Optional
Idle
Idle
Disable
Idle
Enable
Figure 28. Preamble Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com