Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823BGCB Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 35Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 36Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 37Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 38Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 39Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 40Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 41Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 42Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 39
Power-On Sequence
Once VSHNDL > 1.8V, the regulator is enabled. After VAA reaches 3V typical, the POR signal is de-asserted, the
oscillators are enabled, and the HV charge pump is enabled. Once the HV charge-pump is stable, the logic is
enabled. The device is fully operational (standby mode) within 1ms from the time communication is first received in
the shutdown mode. The power-on sequence is shown in Figure 20.
Voltage applied to
DCIN
Die Temp
> 145°C
VAA <
VPOR_RISING
Regulator
Disabled
32kHz Oscillator
Enabled
Check Die
Temperature
Check VAA
Charge Pump and
Digital Logic
Enabled
Charge Pump
Settled
MAX17880 Fully
Functional
470uSec
Delay
3ms Delay
Regulator Enabled
ALRTRST Bit Set
Check SHDN\
SHDN/
Active
POR Cleared
Regulator
Disabled
Die Temp > 145°C
SHDN\ Active
Figure 20. Power-On Sequence
SHUTDOWN
MODE
STANDBY
MODE
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com