Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823BGCB Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 44Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 45Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 46Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 47Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 48Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 49Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 50Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 51Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 48
Stop Character
The stop character is a framing character that signals the end of a command packet. It is transmitted as an
un-encoded 54h with a logic one parity bit and a balanced duty-cycle.
S
0
1
0
0
1
0
1
0
E=1
P
P
Optional
Idle
Optional
Idle
Idle
Disable
Idle
Enable
Figure 30. Stop Character
UART Idle Mode
In the low-Z (default) idle mode, the transmitter outputs are both driven to 0V as shown in Figure 31. In the high-Z
idle mode, the transmitter outputs are not driven by the UART. The MAX17841B interface automatically places its
transmitter in idle mode immediately after each command packet and remains in idle mode until either the next
command packet is sent or it goes into keep-alive mode sending periodic stop characters to prevent the daisy-chain
device(s) from going into shutdown.
UART Communication Mode
When transitioning from idle mode to communication mode, the TXP pin must be pulled high (logic one) prior to
signaling the start bit (logic zero) as shown in Figure 31. The duration of the logic one is minimized to maintain a
balanced duty-cycle while still meeting the timing specification. When transitioning from the stop bit back to idle
mode, the delay, if any, is also minimized.
TXnP
TXnN
Idle
Idle
Preamble
tSTSU
TXnP-TXnN
Figure 31. Communication Mode
Data Types
The Battery-Management UART Protocol employs several different data types as described in Table 21.
Table 21. Data Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com