Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5132BCPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5132BCPZN-R7
Description  High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5132BCPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5132BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADRF5132
Rev. B | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
GND
RF1
NIC
GND
GND
RF2
NIC
GND
ADRF5132
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE PINS ARE NOT
CONNECTED INTERNALLY; HOWEVER, ALL DATA SHOWN
HEREIN WAS MEASURED WITH THESE PINS CONNECTED
TO RF/DC GROUND EXTERNALLY.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 5, 6, 8, 9, 12, 13, 15
GND
Ground. See Figure 3 for the GND interface schematic.
2
RF1
RF Port 1. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required on this pin.
3, 10
NIC
Not Internally Connected. These pins are not connected internally; however, all data shown herein
was measured with these pins connected to RF/dc ground externally.
7
RFC
RF Common Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required
on this pin.
11
RF2
RF Port 2. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required on this pin.
14
VCTL
Control Input. See Figure 4 for the VCTL interface schematic. Refer to Table 5 and the recommended
digital input control voltage range in Table 1.
16
VDD
Supply Voltage.
EPAD
Exposed Pad. The exposed pad must be connected to RF/dc ground.
Table 5. Truth Table
Signal Path State
Control Input, VCTL State
RFC to RF1
RFC to RF2
High
Off
On
Low
On
Off
INTERFACE SCHEMATICS
GND
Figure 3. Ground Interface
VDD
VCTL
Figure 4. Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com