Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5132BCPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5132BCPZN-R7
Description  High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5132BCPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5132BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADRF5132
Rev. B | Page 7 of 12
55
30
0.5
6.0
4.0
4.5
5.0
5.5
FREQUENCY (GHz)
35
40
45
50
1.0
1.5
2.0
2.5
3.0
3.5
+105°C
+85°C
+25°C
–40°C
Figure 11. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Temperature, VDD = 5 V
55
30
0.5
6.0
4.0
5.0
5.5
4.5
FREQUENCY (GHz)
35
40
45
50
1.0
1.5
2.0
2.5
3.0
3.5
RF1
RF2
Figure 12. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com