Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5132BCPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5132BCPZN-R7
Description  High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5132BCPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5132BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADRF5132
Data Sheet
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, ISOLATION, RETURN LOSS, THIRD-ORDER INTERCEPT, AND POWER COMPRESSION
VDD = 5 V, VCTL = 0 V or VDD, TA = 25°C, and 50 Ω system, unless otherwise noted.
0
–1.4
0
2
1
3
4
5
6
FREQUENCY (GHz)
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
RF1
RF2
Figure 5. Insertion Loss of RF1 and RF2 vs. Frequency at VDD = 5 V
–20
–80
–70
–60
–50
–40
–30
0
2
1
3
4
5
6
FREQUENCY (GHz)
RF1
RF2
Figure 6. Isolation Between RFC and RF1/RF2 vs. Frequency at VDD = 5 V
0
–40
–5
–35
–30
–25
–20
–15
–10
0
2
1
3
4
5
6
FREQUENCY (GHz)
RFC
RF1
RF2
Figure 7. Return Loss vs. Frequency at VDD = 5 V
0
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
2
1
3
4
5
6
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 8. Insertion Loss vs. Frequency over Temperature, VDD = 5 V
–20
–80
–70
–60
–50
–40
–30
0
2
1
3
4
5
6
FREQUENCY (GHz)
RF1 ON
RF2 ON
Figure 9. Isolation Between RF1 and RF2 vs. Frequency at VDD = 5 V,
Switch Mode On
80
50
0.5
6.0
FREQUENCY (GHz)
55
60
65
70
75
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+105°C
+85°C
+25°C
–40°C
Figure 10. Input IP3 vs. Frequency over Temperature, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com