Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5132BCPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5132BCPZN-R7
Description  High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5132BCPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5132BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5132BCPZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADRF5132
Data Sheet
Rev. B | Page 12 of 12
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.32
0.25
0.20
1.80
1.70 SQ
1.60
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.50
0.40
0.25
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
0.80
0.75
0.70
COMPLIANT
TO JEDEC STANDARDS MO-220-WEED-2
SEATING
PLANE
SIDE VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
PIN 1
INDICATOR
AREA
EXPOSED
PAD
Figure 18. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-35)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5132BCPZN
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-35
ADRF5132BCPZN-R7
−40°C to +105°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-35
ADRF5132-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2017–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16424-0-8/19(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com