Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77751 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products MAX77751 Datasheet HTML 10Page - Maxim Integrated Products MAX77751 Datasheet HTML 11Page - Maxim Integrated Products MAX77751 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 8
(Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Low Voltage
INOKB, STAT
ISOURCE = 5mA, TA = +25°C
0.4
V
Output High Leakage
INOKB, STAT
VSYS = 5.5V, TA = +25°C
-1
0
+1
µA
VSYS = 5.5V, TA = +85°C
0.1
ENBST
ENBST Logic Input Low
Threshold
VIL
0.4
V
ENBST Logic Input High
Threshold
VIH
1.4
V
ENBST Logic Input
Leakage Current
IENBST
ENBST = 5.5V (including current through
pulldown resistor)
24
60
µA
ENBST Pulldown
Resistor
RENBST
235
kΩ
CHARGER DETECTION
BC1.2 State Timeout
tTMO
180
200
220
ms
Data Contact Detect
Timeout
tDCDtmo
700
800
900
ms
Proprietary Charger
Debounce
tPRDeb
5
7.5
10
ms
Primary-to-Secondary
Timer
tPDSDWait
27
35
39
ms
Charger Detection
Debounce
tCDDeb
45
50
55
ms
VBUS64 Threshold
VBUS64
DP and DN pins. Threshold in percent of
VBUS voltage. 3V < VBUS < 5.5V
57
64
71
%
VBUS64 Hysteresis
VBUS64_H
0.015
V
VBUS47 Threshold
VBUS47
DP and DN pins. Threshold in percent of
VBUS voltage. 3V < VBUS < 5.5V
43.3
47
51.7
%
VBUS47 Hysteresis
0.015
V
VBUS31 Threshold
VBUS31
DP and DN pins. Threshold in percent of
VBUS voltage. 3V < VBUS < 5.5V
26
31
36
%
VBUS31 Hysteresis
0.015
V
IWEAK Current
IWEAK
0.01
0.1
0.5
µA
RDM_DWN Resistor
RDM_DWN
14.25
20
24.8
kΩ
IDP_SRC Current
IDP_SRC/IDCD
Accurate over 0V to 2.5V
7
10
13
µA
IDM_SINK Current
IDM_SINK/IDAT
SINK
Accurate over 0.15V to 3.6V
45
80
125
µA
VLGC Threshold
VLGC
1.62
1.7
1.9
V
VLGC Hysteresis
VLGC_H
0.015
V
VDAT_REF Threshold
VDAT_REF
0.25
0.32
0.4
V
VDAT_REF Hysteresis
VDAT_REF_H
0.015
V
VDN_SRC Voltage
VDN_SRC/VSR
C06
Accurate over ILOAD = 0 to 200µA
0.5
0.6
0.7
V
VDP_SRC Voltage
VDP_SRC/VSR
C06
Accurate over ILOAD = 0 to 200µA
0.5
0.6
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com