Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77751 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX77751 Datasheet HTML 1Page - Maxim Integrated Products MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 3
Absolute Maximum Ratings
CHGIN to GND ................................................ -0.3V to +16.0V
BYP, LX to PGND............................................ -0.3V to +16.0V
BATT, SYS, INOKB, STAT, ENBST to GND ..... -0.3V to +6.0V
BST to PVL...................................................... -0.3V to +16.0V
BST to LX .......................................................... -0.3V to +2.2V
DN, DP to GND ................................................. -0.3V to +6.0V
CC1, CC2 to GND ............................................. -0.3V to +6.0V
VDD, PVL, IFAST, ITOPOFF to GND ................ -0.2V to +2.2V
VCHGIN, BYP Continuous Current .............................3.2ARMS
LX, PGND Continuous Current .................................. 3.5ARMS
SYS, BATT Continuous Current................................. 4.5ARMS
Operating Temperature Range ........................ -40°C to +85°C
Storage Temperature Range ......................... -65°C to +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolut e maximum rating conditions for extended periods may affect
device reliability.
Package Information
24 FC2QFN
Package Code
F243A3F+1
Outline Number
21-100385
Land Pattern Number
90-100128
Thermal Resistance, Four-Layer Board:
Junction-to-
Ambient (θJA)
31°C/W
Junction-to-Case Thermal
Resistance (θJC)
7.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com