Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77751 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77751 Datasheet HTML 1Page - Maxim Integrated Products MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Click here for production status of specific part numbers.
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
19-100802; Rev 4; 11/20
General Description
The MAX77751 is a standalone, 3.15A charger with
integrated USB Type-C® CC detection and reverse
boost capability. The fast-charge current and top-off
current thresholds are easily configured with resistors.
The MAX77751 operates with an input voltage of 4.5V
to 13.7V and has a maximum input current limit of 3A.
The IC also implements the adaptive input current limit
(AICL) function that regulates the input voltage by
reducing input current, to prevent the voltage of a weak
adapter from collapsing or folding back.
The USB Type-C Configuration Channel (CC) detection
pins on the MAX77751 enable automatic USB Type C
power
source
detection
and
input
current
limit
configuration. To support a variety of legacy USB as well
as proprietary adapters, the IC also integrates BC1.2
detection using the D+ and D- pins. The IC runs the CC
detection and BC1.2 detection automatically without any
software as soon as the USB plug is inserted.
The IC also offers Reverse-Boost capability up to 5.1V,
1.5A, which can be enabled with the ENBST pin. The
STAT pin indicates charging status, while the INOKB pin
indicates valid input voltage. Charging can be stopped
by pulling the ITOPOFF pin low.
The MAX77751 is equipped with a Smart Power
Selector™ and a battery true-disconnect FET to control
the charging and discharging of the battery or isolate the
battery in case of a fault. The MAX77751 is offered in
several variants to support Li-ion batteries with various
termination voltages from 4.1V to 4.5V. The IC comes in
a 3mm x 3mm, 0.4mm pitch 24-lead FC2QFN package
making it suitable for low-cost PCB assembly.
Applications
• Mobile Point-of-Sale (mPOS) Terminals
• Portable Medical Devices
• Wireless Headphones
• GPS Trackers
• Charging Cradles for Wearable Devices
• Power Banks
• Mobile Routers
Benefits and Features
• Up to 16V Protection
• 13.7V Maximum Input Operating Voltage
• 3.15A Maximum Charging Current
• 6A Discharge Current Protection
• No Firmware or Communication Required
• Integrated USB Detection
• CC Detection for USB Type-C
• BC1.2 Detection for Legacy SDP, DCP, and CDP
• Automatic Input Current Limit Configuration
• Input Voltage Regulation with Adaptive Input
Current Limit (AICL)
• Reverse Boost Capability up to 5.1V, 1.5A
• Pin Control of All Functions
• Resistor-Configurable Fast-Charge Current
• Resistor-Configurable Top-Off Current
• ENBST Pin to Enable and Disable Reverse Boost
• STAT Pin to Indicate Charging Status
• INOKB Pin to Indicate Input Power-OK (POK)
• ITOPOFF Pin to Disable Charge
• Integrated Battery True-Disconnect FET
• 3mm x 3mm, 24 Lead FC2QFN Package
Ordering Information appears at end of data sheet.
USB Type-C is a registered trademark of USB Implementers Forum.
Smart Power Selector is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX77751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77751 MAXIM-MAX77751 Datasheet
754Kb / 9P
Up to 16V Protection
319-100538; Rev 2; 9/20
MAX77751CEVKIT MAXIM-MAX77751CEVKIT Datasheet
754Kb / 9P
Up to 16V Protection
319-100538; Rev 2; 9/20
MAX77751CEVKIT# MAXIM-MAX77751CEVKIT# Datasheet
754Kb / 9P
Up to 16V Protection
319-100538; Rev 2; 9/20
MAX77751FEVKIT# MAXIM-MAX77751FEVKIT# Datasheet
754Kb / 9P
Up to 16V Protection
319-100538; Rev 2; 9/20
More results

Similar Description - MAX77751

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
22-May-06
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
July 2, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
26-Oct-09
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Maxim Integrated Produc...
MAX77757 MAXIM-MAX77757 Datasheet
715Kb / 35P
3.15A USB Type-C Autonomous Charger with JEITA for 1-Cell Li-ion/LiFePO4 Batteries
Rev 1; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com