Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77751 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77751
Description  3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77751 Datasheet HTML 17Page - Maxim Integrated Products MAX77751 Datasheet HTML 18Page - Maxim Integrated Products MAX77751 Datasheet HTML 19Page - Maxim Integrated Products MAX77751 Datasheet HTML 20Page - Maxim Integrated Products MAX77751 Datasheet HTML 21Page - Maxim Integrated Products MAX77751 Datasheet HTML 22Page - Maxim Integrated Products MAX77751 Datasheet HTML 23Page - Maxim Integrated Products MAX77751 Datasheet HTML 24Page - Maxim Integrated Products MAX77751 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MAX77751
3.15A USB-C Autonomous Charger
for 1-Cell Li+ Batteries
www.maximintegrated.com
Maxim Integrated | 21
Input Validation
The charger input is compared with several voltage thresholds to determine if it is valid. A charger input must meet the
following three characteristics to be valid:
• CHGIN must be above VCHGIN_UVLO to be valid
Once CHGIN is above the UVLO threshold, the information (together with LIN2SYS, as shown in Figure 3) is latched
and can only be reset when the charger is in the adaptive input current loop (AICL) and the input current is lower than
the IULO threshold of 60mA. Note that VCHGIN_REG is lower than the UVLO falling threshold.
• CHGIN must be below its overvoltage lockout threshold (VCHGIN_OVLO)
• CHGIN must be above the system voltage (VCHGIN2SYS)
Figure 3. CHGIN Valid Signal Generation Logic
If VCHGIN is greater than VCHGIN_UVLO, the USB Type-C CC and BC1.2 detection process starts. After the MAX77751
finishes USB detection, the switcher in the chip starts. The system can detect that a valid charger is present by the INOKB
output signal, which is issued when the switcher starts and the VCHGIN_VLD signal is valid, as shown in Figure 4.
Figure 4. INOKB Signal Generation Logic
Input Current Limit
After the charger-type detection is done, the MAX77751 automatically configures the input current limit to the highest
settings that the source can provide. If the input source is not a standard power source described by BC1.2 or USB Type-
C or is not a proprietary charger type that the MAX77751 can detect, the MAX77751 sets the input current limit to 3A.
USB_CHGR_EN
VCHGINUVLO
INPUT IS NOT
UNDERVOLTAGE
INPUT IS NOT
OVERVOLTAGE
LOW INPUT TO
SYS HEADROOM
VCHGIN_OVLOB
LIN2SYS
VCHGIN_VLD
VCHGIN
VCHGIN_REG
ADAPTIVE INPUT
CURRENT LOOP
I_IULO
ICHGIN2BYP
INPUT CURRENT
LOW
S
R
Q
VCHGIN2SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com