Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32X Datasheet(PDF) 108 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 108 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 104Page - STMicroelectronics LSM6DSO32X Datasheet HTML 105Page - STMicroelectronics LSM6DSO32X Datasheet HTML 106Page - STMicroelectronics LSM6DSO32X Datasheet HTML 107Page - STMicroelectronics LSM6DSO32X Datasheet HTML 108Page - STMicroelectronics LSM6DSO32X Datasheet HTML 109Page - STMicroelectronics LSM6DSO32X Datasheet HTML 110Page - STMicroelectronics LSM6DSO32X Datasheet HTML 111Page - STMicroelectronics LSM6DSO32X Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 162 page
background image
11.36
FSM_OUTS13 (58h)
FSM13 output register (r)
Table 231. FSM_OUTS13 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 232. FSM_OUTS13 register description
P_X
FSM13 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM13 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM13 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM13 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM13 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM13 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM13 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM13 output: negative event detected on the vector. (0: event not detected; 1: event detected)
11.37
FSM_OUTS14 (59h)
FSM14 output register (r)
Table 233. FSM_OUTS14 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 234. FSM_OUTS14 register description
P_X
FSM14 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM14 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM14 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM14 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM14 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM14 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM14 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM14 output: negative event detected on the vector. (0: event not detected; 1: event detected)
LSM6DSO32X
FSM_OUTS13 (58h)
DS13607 - Rev 1
page 108/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com