Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32X Datasheet(PDF) 112 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 112 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 108Page - STMicroelectronics LSM6DSO32X Datasheet HTML 109Page - STMicroelectronics LSM6DSO32X Datasheet HTML 110Page - STMicroelectronics LSM6DSO32X Datasheet HTML 111Page - STMicroelectronics LSM6DSO32X Datasheet HTML 112Page - STMicroelectronics LSM6DSO32X Datasheet HTML 113Page - STMicroelectronics LSM6DSO32X Datasheet HTML 114Page - STMicroelectronics LSM6DSO32X Datasheet HTML 115Page - STMicroelectronics LSM6DSO32X Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 162 page
background image
11.44
EMB_FUNC_INIT_A (66h)
Embedded functions initialization register (r/w)
Table 249. EMB_FUNC_INIT_A register
0(1)
0(1)
SIG_MOT
_INIT
TILT
_INIT
STEP_DET
_INIT
0(1)
0(1)
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 250. EMB_FUNC_INIT_A register description
SIG_MOT_INIT
Significant motion detection algorithm initialization request. Default value: 0
TILT_INIT
Tilt algorithm initialization request. Default value: 0
STEP_DET_INIT
Pedometer step counter/detector algorithm initialization request. Default value: 0
11.45
EMB_FUNC_INIT_B (67h)
Embedded functions initialization register (r/w)
Table 251. EMB_FUNC_INIT_B register
0(1)
0(1)
0(1)
MLC_INIT
FIFO_
COMPR_INIT
0(1)
0(1)
FSM_INIT
1. This bit must be set to '0' for the correct operation of the device.
Table 252. EMB_FUNC_INIT_B register description
MLC_INIT
Machine Learning Core initialization request. Default value: 0
FIFO_COMPR_INIT
FIFO compression feature initialization request. Default value: 0
FSM_INIT
FSM initialization request. Default value: 0
11.46
MLC0_SRC (70h)
Machine Learning Core source register (r)
Table 253. MLC0_SRC register
MLC0_
SRC_7
MLC0_
SRC_6
MLC0_
SRC_5
MLC0_
SRC_4
MLC0_
SRC_3
MLC0_
SRC_2
MLC0_
SRC_1
MLC0_
SRC_0
Table 254. MLC0_SRC register description
MLC0_SRC_[7:0]
Output value of MLC0 decision tree
LSM6DSO32X
EMB_FUNC_INIT_A (66h)
DS13607 - Rev 1
page 112/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com