Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX17536
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products MAX17536 Datasheet HTML 10Page - Maxim Integrated Products MAX17536 Datasheet HTML 11Page - Maxim Integrated Products MAX17536 Datasheet HTML 12Page - Maxim Integrated Products MAX17536 Datasheet HTML 13Page - Maxim Integrated Products MAX17536 Datasheet HTML 14Page - Maxim Integrated Products MAX17536 Datasheet HTML 15Page - Maxim Integrated Products MAX17536 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Detailed Description
TheMAX17536high-efficiency,high-voltage,synchronously
rectified step-down converter with integrated high-side
MOSFET operates over a 4.5V to 60V input. It delivers
up to 4A and 0.9V up to 90% VIN output voltage. Built-in
compensation across the output voltage range eliminates
the need for external components. The feedback (FB)
regulation accuracy over -40°C to +125°C is ±1.4%.
The device features a peak-current-mode control
architecture. An internal transconductance error amplifier
produces an integrated error voltage at an internal node
that sets the duty cycle using a PWM comparator, a high-
side current-sense amplifier, and a slope-compensation
generator. At each rising edge of the clock, the high-
side MOSFET turns on and remains on until either
the appropriate or maximum duty cycle is reached, or
the peak current limit is detected. During the high-side
MOSFET’son-time,theinductorcurrentrampsup.During
the second-half of the switching cycle, the high-side
MOSFET turns off and the low-side MOSFET turns on.
The inductor releases the stored energy as its current
ramps down and provides current to the output.
The device features a MODE/SYNC pin that can be used
to operate the device in PWM, PFM, or DCM control
schemesandtosynchronizetheswitchingfreqeuncyto
an external clock. The device also features adjustable-
input undervoltage lockout, adjustable soft-start, open-
drain RESET, auxiliary bootstrap LDO, and DL-to-LX
short-detection features.
Mode Selection (MODE)
The logic state of the MODE/SYNC pin is latched when
VCCandEN/UVLOvoltagesexceedtherespectiveUVLO
rising thresholds and all internal voltages are ready to
allow LX switching. If the MODE/SYNC pin is open at
power-up, the device operates in PFM mode at light
loads. If the MODE/SYNC pin is grounded at power-up,
the device operates in constant-frequency PWM mode
at all loads. Finally, if the MODE/SYNC pin is connected
to VCC at power-up, the device operates in constant-
frequency DCM mode at light loads. State changes on the
MODE/SYNC pin are ignored during normal operation.
PWM Mode Operation
In PWM mode, the inductor current is allowed to go nega-
tive. PWM operation provides constant frequency opera-
tion at all loads, and is useful in applications sensitive to
switchingfrequency.However,thePWMmodeofopera-
tion gives lower efficiency at light loads compared to PFM
and DCM modes of operation.
PFM Mode Operation
PFM mode of operation disables negative inductor current
and additionally skips pulses at light loads for high
efficiency. In PFM mode, the inductor current is forced
to a fixed peak of 2A every clock cycle until the output
rises to 102.3% of the nominal voltage. Once the output
reaches 102.3% of the nominal voltage, both the high-side
and low-side FETs are turned off and the device enters
hibernate operation until the load discharges the output to
101.1% of the nominal voltage. Most of the internal blocks
are turned off in hibernate operation to save quiescent
current. After the output falls below 101.1% of the nominal
voltage, the device comes out of hibernate operation,
turns on all internal blocks, and again commences the
process of delivering pulses of energy to the output until it
reaches 102.3% of the nominal output voltage.
The advantage of the PFM mode is higher efficiency at
light loads because of lower quiescent current drawn from
the supply. The disadvantage is that the output-voltage
ripple is higher compared to PWM or DCM modes of
operation and switching frequency is not constant at light
loads.
DCM Mode Operation
DCM mode of operation features constant-frequency
operation down to lighter loads than PFM mode, by not
skipping pulses but only disabling negative inductor
current at light loads. DCM operation offers efficiency
performance that lies between PWM and PFM modes.
Linear Regulator (VCC and EXTVCC)
ThedevicehastwointernalLDO(low-dropout)regulators
which powers VCC.OneLDOispoweredfromVIN(IN
LDO) and the other LDO is powered from EXTVCC
(EXTVCCLDO).OnlyoneofthetwoLDOsisinoperation
at a time, depending on the voltage levels present at
EXTVCC. If EXTVCC voltage is greater than 4.7V (typ),
VCC is powered from EXTVCC. If EXTVCC is lower than
4.7V (typ), VCC is powered from VIN. Powering VCC from
EXTVCC increases efficiency at higher input voltages.
EXTVCC voltage should not exceed 24V.
Typical VCC output voltage is 5V. Bypass VCCtoSGND
with a 2.2μF low-ESR ceramic capacitor. VCC powers
the internal blocks and the low-side MOSFET driver and
re-chargestheexternalbootstrapcapacitor.BothINLDO
and EXTVCC LDO can source up to 45mA for bias
requirements. The MAX17536 employs an undervoltage-
lockout circuit that forces the converter off when VCC
falls below 3.8V (typ). The converter is enabled again
when VCC>4.2V.The400mVUVLOhysteresisprevents
chattering on power-up/power-down.
Maxim Integrated │ 12
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com