Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17536
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
(VIN = VEN/UVLO = 24V, VPGND = VSGND = 0V, CVIN = 2 x 2.2µF, CVCC = 2.2µF, CBST = 0.1µF, CSS=22,000pF,RT=MODE/SYNC=
open, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA=+25°C.AllvoltagesarereferencedtoSGND,unless
otherwise noted.)
40
50
60
70
80
90
100
0
1
2
3
4
LOAD CURRENT (A)
5V OUTPUT, PWM MODE,
EFFICIENCY vs. LOAD CURRENT
FIGURE 3 CIRCUIT
VIN= 48V
VIN= 36V
VIN= 24V
VIN= 12V
MODE = SGND
toc01
20
30
40
50
60
70
80
90
100
0
1
2
3
4
LOAD CURRENT (A)
3.3V OUTPUT, PWM MODE,
EFFICIENCY vs. LOAD CURRENT
FIGURE 4 CIRCUIT
VIN= 48V
VIN= 36V
VIN= 24V
VIN= 12V
MODE = SGND
toc02
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD CURRENT (mA)
5V OUTPUT, PFM MODE,
EFFICIENCY vs. LOAD CURRENT
FIGURE 3 CIRCUIT
VIN= 48V
VIN= 36V
VIN= 24V
MODE = OPEN
VIN= 12V
toc03
30
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD CURRENT (mA)
3.3V OUTPUT, DCM MODE,
EFFICIENCY vs. LOAD CURRENT
FIGURE 4 CIRCUIT
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
MODE = VCC
toc06
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD CURRENT (mA)
3.3V OUTPUT, PFM MODE,
EFFICIENCY vs. LOAD CURRENT
FIGURE 4 CIRCUIT
VIN= 48V
VIN= 36V
VIN= 12V
MODE = OPEN
VIN= 24V
toc04
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
0
1
2
3
4
LOAD CURRENT (A)
5V OUTPUT, PWM MODE,
LOAD AND LINE REGULATION
FIGURE 3 CIRCUIT
VIN= 36V
VIN= 48V
VIN= 24V
VIN= 12V
toc07
30
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD CURRENT (mA)
5V OUTPUT, DCM MODE,
EFFICIENCY vs. LOAD CURRENT
FIGURE 3 CIRCUIT
VIN= 48V
MODE = VCC
VIN= 24V
VIN= 12V
VIN= 36V
toc05
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com