Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17536
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Note 3: All electrical specifications are 100% production tested at TA = +25°C. Specifications over the operating temperature range
areguaranteedbydesignandcharacterization.
Note 4: See the Overcurrent Protection/Hiccup Mode section for more details.
(VIN = VEN/UVLO=24V,RRT=open(450kHz),CVCC = 2.2µF, VPGND = VSGND = VMODE/SYNC=0V,LX=SS=RESET = open, VBST
to VLX = 5V, VFB = 1V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced
toSGND,unlessotherwisenoted.)(Note3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CURRENT LIMIT
PeakCurrent-LimitThreshold
IPEAK-LIMIT
R
DL=openorRDL=174kΩ
5.45
6.5
7.55
A
R
DL=61.9kΩorRDL=26.1kΩ
4.05
5
5.95
A
RunawayCurrent-LimitThreshold
IRUNAWAY-LIMIT
R
DL=openorRDL=174kΩ
6.25
7.5
8.75
A
R
DL=61.9kΩorRDL=26.1kΩ
5
6
7
A
NegativeCurrent-LimitComparator
VoltageReference
MODE = open or MODE = VCC
0
mV
MODE=GND
42
50
58
PFMCurrent-LimitThreshold
IPFM
MODE = open
2
A
RT
Switching Frequency
fSW
RRT=196kΩ
90
100
110
kHz
RRT=93.1kΩ
180
200
220
RRT = open
420
450
480
RRT=6.98kΩ
1950
2200 2450
VFBUndervoltageTripLevelto
CauseHiccup
VFB-HICF
0.56
0.58
0.61
V
HICCUPTimeout
(Note 3)
32768
Cycles
Minimum On-Time
tON-MIN
95
160
ns
MinimumOff-Time
tOFF-MIN
140
160
ns
LXDeadTime
22
ns
RESET
RESET
OutputLevelLow
IRESET = 10mA
0.200
V
RESET
OutputLeakageCurrent
TA = TJ = +25°C, VRESET = 5.5V
-0.1
+0.1
µA
VOUT Threshold for RESET
Assertion
VFB-OKF
VFB falling
90.4
92.5
94.6
%
VOUT Threshold for RESET
Deassertion
VFB-OKR
VFB rising
93.4
95.5
97.7
%
RESET
Deassertion Delay After FB
Reaches95%Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
165
°C
Thermal-ShutdownHysteresis
10
°C
Maxim Integrated │ 4
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Electrical Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com