Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17536
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17536 Datasheet HTML 9Page - Maxim Integrated Products MAX17536 Datasheet HTML 10Page - Maxim Integrated Products MAX17536 Datasheet HTML 11Page - Maxim Integrated Products MAX17536 Datasheet HTML 12Page - Maxim Integrated Products MAX17536 Datasheet HTML 13Page - Maxim Integrated Products MAX17536 Datasheet HTML 14Page - Maxim Integrated Products MAX17536 Datasheet HTML 15Page - Maxim Integrated Products MAX17536 Datasheet HTML 16Page - Maxim Integrated Products MAX17536 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Addalocalbypassingcapof0.1μFontheEXTVCCpin
toSGND.Also,adda4.7Ωresistorfrombuckconverter
output node to the EXTVCC pin to limit VCC bypass cap
discharge current and to protect the EXTVCC pin from
reaching its absolute maximum rating (-0.3V) during out-
put short-circuit condition.In applications where the buck
converter output is connected to the EXTVCC pin, if the
output is shorted to ground, the transfer from EXTVCC
LDOtoINLDOhappensseamlessly,withoutanyimpact
on the normal functionality. Connect EXTVCC pin to
SGNDwhenthepinisnotbeingused.
Setting the Switching Frequency (RT)
The switching frequency of the MAX17536 can be
programmedfrom100kHzto2.2MHzbyusingaresistor
connected from RT to SGND. The switching frequency
(fSW)isrelatedtotheresistorconnectedattheRTpin
(RRT) by the following equation:
3
RT
SW
19 10
R
1.7
f
−
×
≅
whereRRTisinkΩandfSWisinkHz.LeavingtheRTpin
open causes the device to operate at the default switching
frequencyof450kHz.SeeTable 1forRTresistorvalues
for a few common switching frequencies.
Operating Input Voltage Range
The minimum and maximum operating input voltages for
a given output voltage should be calculated as follows:
(
)
(
)
(
)
OUT
OUT(MAX)
DCR(MAX)
DS-ONL(MAX)
IN(MIN)
SW(MAX)
OFF-MIN(MAX)
OUT(MAX)
DS-ONH(MAX)
DS-ONL(MAX)
OUT
IN(MAX)
SW(MAX)
ON-MIN(MAX)
V
I
(R
R
)
V
1f
t
I
(R
R
)
V
V
f
t
+×
+
=
+
−×
×−
=
×
where:
VOUT = Steady-state output voltage
IOUT(MAX) = Maximum load current
RDCR(MAX) = Worst-case DC resistance of the inductor
fSW(MAX) = Maximum switching frequency
tOFF-MIN(MAX) = Worst-case minimum switch off-time
(160ns)
tON-MIN(MAX) = Worst-case minimum switch on-time
(160ns)
RDS-ONH(MAX) = Worst-case on-state resistances and
high-side internal MOSFET,
RDS-ONL(MAX) = Worst-case on-state resistances and
low-side external MOSFET.
External Frequency Synchronization
Theinternaloscillatorofthedevicecanbesynchronized
to an external clock signal on the MODE/SYNC pin.
The external synchronization clock frequency must be
between 1.1 x fSW and 1.4 x fSW, where fSW is the frequency
programmedbytheRTresistor.Whenanexternalclock
is applied to MODE/SYNC pin, the internal oscillator
frequency changes to external clock frequency (from
originalfrequencybasedonRTsetting)afterdetecting16
external clock edges. The converter will operate in PWM
mode during synchronization operation. When MODE/
SYNCisfloatedforPFMmode,internal300kΩpull-down
resistor on this pin pulls the node below VIL of the SYNC
threshold and maintains the part in PFM mode. When the
external clock is applied on the fly, the mode of operation
changes to PWM from the initial state of PFM/DCM/PWM.
When the external clock is removed on the fly, the internal
oscillatorfrequencychangestotheRTsetfrequencyand
the converter continues to operate in PWM mode. The
minimum external clock pulse-width high should be greater
than 22ns. See the Mode Selection (MODE) section in the
Electrical Characteristics table for details.
DL-to-LX Short Detection
In the MAX17536, the DL and LX pins are adjacent to
each other. To prevent damage to the low-side exter-
nal FET in case DL pin is shorted to the LX pins, DL
to LX_ short-detection feature has been implemented.
If the device detects that the DL pin is shorted to the
LX pins before startup, the startup sequence is not be
initiated and output voltage is not soft-started.
Overcurrent Protection/Hiccup Mode
The device is provided with a robust overcurrent-
protection scheme that protects the device under overload
and output short-circuit conditions. A cycle-by-cycle peak
current limit turns off the high-side MOSFET when-
ever the high-side switch current exceeds an internal
limit. A runaway-current limit on the high-side switch
current protects the device under high input voltage,
short-circuit conditions when there is insufficient output
voltage available to restore the inductor current that was
built up during the on-period of the step-down converter.
Table 1. Switching Frequency vs. RT
Resistor
SWITCHING FREQUENCY (kHz)
RT RESISTOR (kΩ)
450
OPEN
100
96
200
93.1
2200
6.98
Maxim Integrated │ 13
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com