Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB50825B Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSB50825B Datasheet HTML 3Page - ON Semiconductor FSB50825B Datasheet HTML 4Page - ON Semiconductor FSB50825B Datasheet HTML 5Page - ON Semiconductor FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor FSB50825B Datasheet HTML 10Page - ON Semiconductor FSB50825B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FSB50825B/FSB50825BS
www.onsemi.com
7
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied Between P and N
−
150
200
V
VDD
Control Supply Voltage
Applied Between VDD and COM
13.5
15
16.5
V
VBS
High−Side Bias Voltage
Applied Between VB and VS
13.5
15
16.5
V
VIN(ON)
Input ON Threshold Voltage
Applied Between IN and COM
3.0
−
VDD
V
VIN(OFF)
Input OFF Threshold Voltage
0
−
0.6
V
tdead
Blanking Time for Preventing Arm−Short VDD = VBS = 13.5 ∼ 16.5 V, TJ ≤ 150°C
1.0
−
−
mS
fPWM
PWM Switching Frequency
TJ ≤ 150°C
−
15
−
kHz
0123456
7
8
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built in Bootstrap Diode VF −IF Characteristic
V
F [V]
Tc=255C
Figure 2. Built in Bootstrap Diode Characteristics (Typ.)
NOTE: 5. BVDSS is the Absolute Maximum Voltage Rating Between Drain and Source Terminal of Each MOSFET Inside Motion SPM
5 product. VPN Should be Sufficiently Less Than This Value Considering the Effect of the Stray Inductance so that VDS Should
Not Exceed BVDSS in Any Case.
6. tON and tOFF Include the Propagation Delay Time of the Internal Drive IC. Listed Values are Measured at the Laboratory
Test Condition, and They Can be Different According to the Field Applications Due to the Effect of Different Printed Circuit
Boards and Wirings. Please see Figure 7 for the Switching Time Definition with the Switching Test Circuit of Figure 7.
7. The peak current and voltage of each MOSFET during the switching operation should be included in the Safe Operating
Area (SOA). Please see Figure 6 for the RBSOA test circuit that is same as the switching test circuit.
8. VTS is only for sensing temperature of module and cannot shutdown MOSFETs automatically.
9. Built in bootstrap diode includes around 15 W resistance characteristic. Please refer to Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com