Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB50825B Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 2 Page - ON Semiconductor

  FSB50825B Datasheet HTML 1Page - ON Semiconductor FSB50825B Datasheet HTML 2Page - ON Semiconductor FSB50825B Datasheet HTML 3Page - ON Semiconductor FSB50825B Datasheet HTML 4Page - ON Semiconductor FSB50825B Datasheet HTML 5Page - ON Semiconductor FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FSB50825B/FSB50825BS
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, Unless otherwise noted)
Symbol
Parameter
Conditions
Rating
Unit
VPN
DC Link Input Voltage,
Drain−Source Voltage of Each MOSFET
250
V
BVDSS
Drain−Source Voltage
VIN = 0V, ID = 250 mA
250
V
IPN
Zero−Bias Static Leakage Current
VPN= 200V, VIN = 0V,
VDD= VBS= 0V,
TC= TJ = 25°C for all phase
40
mA
ID 25 (Note 2)
Each MOSFET Drain Current, Continuous
TC = 25°C
3.6
A
ID 80 (Note 2)
Each MOSFET Drain Current, Continuous
TC = 80°C
2.7
A
IDP (Note 2)
Each MOSFET Drain Current, Peak
TC = 25°C, PW < 100 ms
9.0
A
IDRMS (Note 2) Each FRFET Drain Current, Rms
TC = 80°C, FPWM < 20 kHz
1.9
Arms
PD (Note 2)
Maximum Power Dissipation
TC = 25°C, For Each MOSFET
14.2
W
CONTROL PART (Each HVIC Unless Otherwise Specified)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Control Supply Voltage
Applied Between VDD and COM
20
V
VBS
High−side Bias Voltage
Applied Between VB and VS
20
V
VIN
Input Signal Voltage
Applied Between IN and COM
−0.3 ~ VDD+0.3
V
BOOTSTRAP DIODE PART (Each Bootstrap Diode Unless Otherwise Specified)
Symbol
Parameter
Conditions
Rating
Unit
VRRMB
Maximum Repetitive Reverse Voltage
250
V
IFB (Note 2)
Forward Current
TC = 25°C
0.5
A
IFPB (Note 2)
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
1.5
A
THERMAL RESISTANCE
Symbol
Parameter
Conditions
Rating
Unit
Inverter MOSFET part, (Per Module)
1.7
_C/W
TOTAL SYSTEM
Symbol
Parameter
Conditions
Rating
Unit
TJ
Operating Junction Temperature
−40 ~ 150
_C
TSTG
Storage Temperature
−40 ~ 125
_C
VISO
Isolation Voltage
60 Hz, Sinusoidal, 1 minute, Connec-
tion Pins to Heatsink
1500
Vrms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. For the Measurement Point of Case Temperature TC, Please refer to Figure 5.
2. Calculation Value or Design Factor.
3. Using continuously under heavy loads or excessive assembly conditions (e.g. the application of high temperature/ current/ voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/ current/ voltage, etc.) are within the absolute maximum ratings and the operating ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com