Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB50825B Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSB50825B Datasheet HTML 4Page - ON Semiconductor FSB50825B Datasheet HTML 5Page - ON Semiconductor FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor FSB50825B Datasheet HTML 10Page - ON Semiconductor FSB50825B Datasheet HTML 11Page - ON Semiconductor FSB50825B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FSB50825B/FSB50825BS
www.onsemi.com
8
HIN
LIN
Output
Note
0
0
Z
Both FRFET Off
01
0
Low side FRFET On
10
VDC
High side FRFET On
11
Forbidden
Shoot through
Open Open
Z
Same as (0,0)
COM
VDD
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
C
1
+15 V
These values depend on PWM control algorithm
* Example of Bootstrap Paramters
:
C
1= C2 = 1 mF Ceramic Capacitor
R
5
C
5
V
DC
C
2
VTS
* Example Circuit : V phase
C
4
V
One Leg Diagram of Motion SPM® 5 Product
Figure 3. Recommended MCU Interface and Bootstrap Circuit with Parameters
NOTE: 10. Parameters for bootstrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical
example of parameters is shown above.
11. RC−coupling (R5 and C5) and C4 at each input of Motion SPM 5 product and MCU (Indicated as Dotted Lines) may be
used to prevent improper signal due to surge−noise.
12. Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the
reduction of surge−voltage. Bypass capacitors such as C1, C2 and C3 should have good high−frequency characteristics to
absorb high−frequency ripple−current.
10 mF
Figure 4. Case Temperature Measurement
NOTE: 13. Attach the thermocouple on top of the heat−sink of SPM 5 package (between SPM 5 package and heatsink if applied) to
get the correct temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com