Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB50825B Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 1 Page - ON Semiconductor

  FSB50825B Datasheet HTML 1Page - ON Semiconductor FSB50825B Datasheet HTML 2Page - ON Semiconductor FSB50825B Datasheet HTML 3Page - ON Semiconductor FSB50825B Datasheet HTML 4Page - ON Semiconductor FSB50825B Datasheet HTML 5Page - ON Semiconductor FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2018
January, 2019 − Rev. 0
1
Publication Order Number:
FSB50825B/D
FSB50825B/FSB50825BS
Motion SPM) 5 Series
Description
The FSB50825B / FSB50825BS is an advanced Motion SPM 5 module
providing a fully−featured, high−performance inverter output for AC
Induction, BLDC and PMSM motors such as refrigerators, fans and pumps.
These modules integrate optimized gate drive of the built−in MOSFETs
(FRFET technology) to minimize EMI and losses, while also providing
multiple on−module protection features including under−voltage lockouts
and thermal monitoring. The built−in high−speed HVIC requires only a single
supply voltage and translates the incoming logic−level gate inputs to the
high−voltage, high−current drive signals required to properly drive the
module’s internal MOSFETs. Separate open−source MOSFET terminals are
available for each phase to support the widest variety of control algorithms.
Features
• UL Certified No. E209204 (UL1557)
• Optimized for Over 10 kHz Switching Frequency
• 250 V RDS(ON) = 0.55 W(Max) FRFET MOSFET 3−Phase Inverter
with Gate Drivers and Protection
• Built−In Bootstrap Diodes Simplify PCB Layout
• Separate Open−Source Pins from Low−Side MOSFETs for
Three−Phase Current−Sensing
• Active−HIGH Interface, Works with 3.3 / 5 V Logic, Schmitt−trigger
Input
• Optimized for Low Electromagnetic Interference
• HVIC for Gate Driving and Under−Voltage Protection
• Isolation Rating: 1500 Vrms / min
• RoHS Compliant
• Moisture Sensitive Level (MSL) 3 for SMD PKG
Applications
• 3−Phase Inverter Driver for Small Power AC Motor Drives
SPM5E−023 / 23LD, PDD STD
CASE MODEJ
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
$Y
= ON Semiconductor Logo
&Z
= Assembly Plant Code
&3
= Data Code (Year & Week)
&K
= Lot
FSB50825X
= Specific Device Code
X = B or BS
MARKING DIAGRAM
$Y&Z&K&E&E&E&3
FSB50825X
SPM5H−023 / 23LD, PDD STD,
SPM23−BD
CASE MODEM


Similar Part No. - FSB50825B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
4Mb / 28P
Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50825A ONSEMI-FSB50825A Datasheet
508Kb / 13P
Motion SPM 5 Series
October 2016 Rev. 1.2
logo
Fairchild Semiconductor
FSB50825AS FAIRCHILD-FSB50825AS Datasheet
1Mb / 10P
Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
Motion SPM 5 Series
April 2015 Rev. 1.6
More results

Similar Description - FSB50825B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN604H ONSEMI-FAN604H Datasheet
891Kb / 13P
Motion SPM 5 Series
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
Motion SPM 5 Series
January 2014 Rev. C4
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
Motion SPM 5 Series
January 2014 Rev. C4
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
Motion SPM 5 Series
October 2014 Rev. C5
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
Motion SPM 5 Series
July 2016 Rev. 1.7
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
Motion SPM 5 Series
March, 2019 ??Rev. 2
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
Motion SPM 5 Series
December, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com