Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LSMT
Description  MULTI POWER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LSMT Datasheet HTML 1Page - M-System Co.,Ltd. LSMT Datasheet HTML 2Page - M-System Co.,Ltd. LSMT Datasheet HTML 3Page - M-System Co.,Ltd. LSMT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES-1992 Rev.6
P. 3 / 4
INSTALLATION
Auxiliary power supply
AC:
rating -15/+10%, 50/60 Hz, approx. 12VA
DC:
rating
±10%, or 85 – 150V for 110V rating
(ripple 10% p-p max.)
approx. 10W (90mA at 110V)
Operating temperature: -10 to +55
°C (14 to 131°F)
Operating humidity: 30 to 85% RH (non-condensing)
Mounting: surface
Dimensions: W175
×H120×D134 mm (6.89"×4.72"×5.28")
Weight:
2 kg (4.41 lbs)
PERFORMANCE in percentage of span
Accuracy
(at 23
°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz for 3-phase
system, 50/60
±2 Hz for single-phase system)
Voltage, current, active/reactive power:
±0.5%
Power factor:
±2% with input 1 – 0.866, balanced load
±4% with input 0.866 – 0.5, balanced load
Frequency:
±1%
Response time (0 – 100%
±1%)
Voltage, current & frequency:
≤1 second
Active/reactive power & power factor:
≤2 seconds
Ripple:
0.5% p-p max.
Line voltage effect:
±0.1% over voltage range
Insulation resistance:
≥100MΩ with 500V DC
Dielectric strength: 2000V AC @1 minute
(voltage input to current input to output
to power to ground)
Surge withstand voltage: 1.2/50
µsec., ±5kV
(input to output or ground)
2.5
5A
IN
0
5
OUT
10V
•Voltage
0
150
300V
IN
0
12
OUT
20mA
4
sOPERATION DIAGRAM (example)
•Current
500
1000W
IN
0
5
OUT
10V
•Active Power
0
500
1000W
IN
0
12
OUT
20mA
4
0
IN
1000 var
(LAG)
1000
(LEAD)
0
OUT
10V
•Reactive Power
-10
0
IN
1000 var
(LAG)
1000
(LEAD)
12
OUT
20mA
4
0
IN
0.5
(LAG)
0.5
(LEAD)
0
OUT
10V
•Power Factor
-10
1
IN
0.5
(LAG)
0.5
(LEAD)
12
OUT
20mA
4
55
65Hz
IN
45
5
OUT
10V
•Frequency
0
55
65Hz
IN
45
12
OUT
20mA
4
When there is no voltage input or when input current is 1/20
or less of rating, output may become unsteady (hunting).
When there is no voltage input, the transducer will produce
a downscale output.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com