Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LSMT
Description  MULTI POWER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LSMT Datasheet HTML 1Page - M-System Co.,Ltd. LSMT Datasheet HTML 2Page - M-System Co.,Ltd. LSMT Datasheet HTML 3Page - M-System Co.,Ltd. LSMT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LSMT
ES-1992 Rev.6
Specifications subject to change without notice.
P. 4 / 4
CONNECTION DIAGRAM
24
P1
23
P2
22
P3
21
20
1S
19
1L
CT
1
2
3
SOURCE
LOAD
FUSE
PT
U
u
U
u
K
k
18
2S
17
2L
CT
*
K
k
16
3S
15
3L
CT
K
k
14
U(+)
13
V(–)
POWER
FUSE
I 1
I 2
I 3
V1
V2
V3
INPUT
1
+
2
–
1
3
+
4
–
2
5
+
6
–
3
7
+
8
–
4
9
+
10
–
5
11
+
12
–
6
*Connected only when measuring item I2.
s3-PHASE/3-WIRE
G
OUTPUT
24
P1
23
P2
22
21
20
1S
19
1L
CT
2
1
SOURCE
LOAD
FUSE
PT
U
u
K
k
18
17
16
15
14
U(+)
13
V(–)
POWER
FUSE
I 1
V1
INPUT
1
+
2
–
1
3
+
4
–
2
5
+
6
–
3
7
+
8
–
4
9
+
10
–
5
11
+
12
–
6
sSINGLE-PHASE/2-WIRE
G
OUTPUT
24
P1
23
P2
22
P3
21
20
1S
19
1L
CT
2
N
1
SOURCE
LOAD
FUSE
PT
U
u
U
u
K
k
18
17
16
2S
15
2L
CT
K
k
14
U(+)
13
V(–)
POWER
FUSE
I 1
I 2
V1
V2
INPUT
1
+
2
–
1
3
+
4
–
2
5
+
6
–
3
7
+
8
–
4
9
+
10
–
5
11
+
12
–
6
sSINGLE-PHASE/3-WIRE
G
OUTPUT
V
v
V
v
V
v
V
v
V
v
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENT mm (inch)
175 (6.89)
ZERO / SPAN ADJ.
25-M4 SCREW
4-3 (.12) rad. MTG HOLE
134 (5.28)
1.2 (.04)
123456789 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
MOUNTING REQUIREMENTS mm (inch)
OUTPUT
CH.
1
2
3
4
5
6
ITEM CODE
1V1
I1
W
var
PF
Hz
2V1
I1
I2
I3
WPF
3V1
I1
I2
I3
W
var
4V1
I1
I2
I3
WHz
5V1
V2
V3
I1
I2
I3
6V1
I1
W
var
---
---
7V1
I1
W
---
---
---
8V1
I1
Hz
---
---
---
Input Codes 2, 3, 4 and 5 are selectable with 3-phase/3-wire system.
120 (4.72)
M5 SCREW
200 (7.87) min.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com