Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LSMT
Description  MULTI POWER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LSMT Datasheet HTML 1Page - M-System Co.,Ltd. LSMT Datasheet HTML 2Page - M-System Co.,Ltd. LSMT Datasheet HTML 3Page - M-System Co.,Ltd. LSMT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LSMT
ES-1992 Rev.6
Specifications subject to change without notice.
INPUT & OUTPUT
sINPUT
•Voltage Input
Input burden: 0.22VA/phase for 110V AC
0.44VA/phase for 220V AC
Operational range
Voltage & active/reactive power: 0 – 120% of rating
Power factor & frequency: 85 – 120% of rating
Overload capacity: 150% of rating for 10 sec.,
120% continuous
•Current Input
Input burden: 0.5VA/phase
Operational range
Current & active/reactive power: 0 – 120% of rating
Power factor: 20 – 120% of rating
Overload capacity: 1000% of rating for 3 sec., 200%
for 10 sec., 120% continuous
P. 2 / 4
sINPUT RANGE
•Voltage
•Current
VOLTAGE
INPUT
RATING
RANGE
110V
0 – 150V
220V
0 – 300V
INPUT
AVAILABLE RANGE
STD. RANGE
110V / 1A
100W
50 – 120W
110V / 5A
500W
250 – 600W
220V / 1A
200W
100 – 240W
220V / 5A
1000W
500 – 1200W
•Active power, single-phase / 2-wire
CURRENT
INPUT
RATING
RANGE
1A
0 – 1A
5A
0 – 5A
INPUT
AVAILABLE RANGE
STD. RANGE
100V / 200V / 1A
200W
100 – 240W
100V / 200V / 5A
1000W
500 – 1200W
•Active Power, single-phase / 3-wire
INPUT
AVAILABLE RANGE
STD. RANGE
110V / 1A
200W
100 – 240W
110V / 5A
1000W
500 – 1200W
220V / 1A
400W
200 – 480W
220V / 5A
2000W
1000 – 2400W
•Active Power, 3-phase / 3-wire
INPUT
AVAILABLE RANGE
STD. RANGE
110V / 1A
100 var
50 – 120 var
110V / 5A
500 var
250 – 600 var
220V / 1A
200 var
100 – 240 var
220V / 5A
1000 var
500 – 1200 var
•Reactive power, single-phase / 2-wire
INPUT
AVAILABLE RANGE
STD. RANGE
100V / 200V / 1A
200 var
100 – 240 var
100V / 200V / 5A
1000 var
500 – 1200 var
•Reactive Power, single-phase / 3-wire
INPUT
AVAILABLE RANGE
STD. RANGE
110V / 1A
200 var
100 – 240 var
110V / 5A
1000 var
500 – 1200 var
220V / 1A
400 var
200 – 480 var
220V / 5A
2000 var
1000 – 2400 var
•Reactive Power, 3-phase / 3-wire
Power factor: lag 0.5 – 1 – lead 0.5
lead 0.5 – 1 – lag 0.5
Frequency: 45 – 55 Hz, 55 – 65 Hz or 45 – 65 Hz
sOUTPUT
•DC Current: -5 – +20mA DC
Span:
min. 1mA, max. 20mA
Zero suppression/elevation: max. 1.5 times span
Load resistance: output drive 6V maximum
Output
Load Resistance
4 – 20mA
: 300 (
Ω maximum)
0 – 1mA [
±1mA] : 6000
0 – 5mA [
±5mA] : 1200
Reactive power and power factor output
ranges in brackets. 4 – 20mA is centered
at 12mA.
•DC Voltage: -10 – +10V DC
Minimum span: 5mV
Zero suppression/elevation: max. 1.5 times span
Load resistance: output drive 1mA maximum
Output
Load Resistance
0 – 10mV [
±10mV] : 10k (Ω minimum)
0 – 100mV [
±100mV] : 100k
0 – 1V [
±1V]
: 1000
0 – 10V [
±10V] : 10k
0 – 5V [
±5V]
: 5000
1 – 5V
: 5000
Reactive power and power factor output
ranges in brackets. 1 – 5V is centered at
3V.
Voltage input for single-phase/3-wire system is 0 – 150V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com