Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LSMT
Description  MULTI POWER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LSMT Datasheet HTML 1Page - M-System Co.,Ltd. LSMT Datasheet HTML 2Page - M-System Co.,Ltd. LSMT Datasheet HTML 3Page - M-System Co.,Ltd. LSMT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES-1992 Rev.6
MODEL
Power Transducer Series L-UNIT
LSMT
Functions & Features
• Converting all major factors required for power
management into DC outputs • Compact design for
6 measuring items • Saving installation work and
space • DC output containing little ripple is ideal
for computer input • Isolation up to 2000V AC
Typical Applications
• Monitoring panels
MODEL & SUFFIX CODE SELECTION
MULTI POWER TRANSDUCER
Voltage
1 : 0 – 10mV DC
2 : 0 – 100mV DC
3 : 0 – 1V DC
4 : 0 – 10V DC
5 : 0 – 5V DC
6 : 1 – 5V DC
0 : Specify voltage
P. 1 / 4
mm (inch)
112
(4.41)
98
(3.86)
175
(6.89)
1
2
3
4
5
6
ZERO
SPAN
0
1
2
34
5
6
7
8
9
10
11
12
LSMT–uu–uuuu–u
MODEL
CONFIGURATION
1 : 3-phase / 3-wire
2 : Single-phase / 2-wire*
3 : Single-phase / 3-wire*
*Specify input frequency.
INPUT (unbalanced load)
1 : 110V / 5A AC
2 : 110V / 1A AC
3 : 220V / 1A AC
4 : 220V / 5A AC
A : 100V / 200V / 1A AC**
B : 100V / 200V / 5A AC**
*Selectable with single-phase / 3-wire system
MEASURING ITEM
1 :V1, I1, W, var, PF, Hz
2 :V1, I1, I2, I3, W, PF***
3 :V1, I1, I2, I3, W, var***
4 :V1, I1, I2, I3, W, Hz***
5 :V1, V2, V3, I1, I2, I3***
6 :V1, I1, W, var
7 :V1, I1, W
8 :V1, I1, Hz
*Selectable with 3-phase / 3-wire system
OUTPUT SIGNAL POLARITY (var & PF)
Z : No var or PF measuring
P : Negative in lag, positive in lead
M : Negative in lead, positive in lag
FREQUENCY (V1)
0 : No frequency measuring
1 : 45 – 55 Hz
2 : 55 – 65 Hz
3 : 45 – 65 Hz
OUTPUT
Current
A : 4 – 20mA DC
G : 0 – 1mA DC
J : 0 – 5mA DC
Z : Specify current
AUXILIARY POWER SUPPLY
AC Power
DC Power
B : 100V AC
R : 24V DC
C : 110V AC
H : 220V AC
V : 48V DC
F : 120V AC
J : 240V AC
P : 110V DC
ORDERING INFORMATION
Specify code number and variables. Use Ordering In-
formations Sheet (No. ESU-1992) for single-phase sys-
tem.
•Code number (e.g. LSMT-11-1P1A-C)
•Watt range (e.g. 0 – 1000W)
•Var range (e.g. lag 1000 – 0 – lead 1000 var)
•Frequency range
(for single phase input only; e.g. 50 Hz)
•Special DC output range (For codes Z & 0)
GENERAL SPECIFICATIONS
Construction: stand-alone; terminal access at the front
Connection: M4 screw terminals (torque
≤1.2 N·m)
Coating:
melamine resin fired (black)
Isolation:
voltage input to current input to output to
to power; negatives common to all outputs
Computation
Voltage & current: RMS sensing
Active/reactive power: time division multiplication
Power factor: phase angle detection
Frequency: one-shot
Overrange output: approx. -10 – +120% at 1 – 5V
Front adjustments: zero and span;
±5% independently
adjustable for each measuring item
Overrange output limit: approx. 120%
Remark 1: Both voltage and current loads must be
balanced for measuring power factor.
Remark 2: V1, V2 and V3 = voltage between each line;
I1, I2 and I3 = each line current; W = active power; var
= reactive power; PF = power factor; Hz = frequency


Similar Part No. - LSMT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LSMT2 MSYSTEM-LSMT2 Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-M MSYSTEM-LSMT2-10040-M Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-P MSYSTEM-LSMT2-10040-P Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-R MSYSTEM-LSMT2-10040-R Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
LSMT2-10040-V MSYSTEM-LSMT2-10040-V Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
More results

Similar Description - LSMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMAT30 ETC-SMAT30 Datasheet
250Kb / 4P
Multi-Application Transducer SMD & Pin version
APT-DINAV53G3 ETC2-APT-DINAV53G3 Datasheet
84Kb / 2P
3-channel Power Transducer
logo
M-System Co.,Ltd.
53U MSYSTEM-53U Datasheet
489Kb / 9P
Power Transducer Series
54U MSYSTEM-54U Datasheet
476Kb / 10P
Power Transducer Series
54UC MSYSTEM-54UC Datasheet
360Kb / 8P
Power Transducer Series
54UL MSYSTEM-54UL Datasheet
353Kb / 8P
Power Transducer Series
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L53U MSYSTEM-L53U Datasheet
341Kb / 9P
Power Transducer Series
LSMT4 MSYSTEM-LSMT4 Datasheet
229Kb / 5P
Power Transducer Series
LSMT2 MSYSTEM-LSMT2 Datasheet
106Kb / 10P
MULTI POWER TRANSDUCER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com