Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129ALC4TR-R5 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC129ALC4TR-R5
Description  4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC129ALC4TR-R5 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC129ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
HMC129ALC4
Rev. 0 | Page 7 of 16
Downconverter P1dB and IP2
IF = 100 MHZ, upper sideband (low-side LO).
Figure 12. Input P1dB vs. RF Frequency at Various Temperatures,
LO = 15 dBm
Figure 13. Input IP2 vs. RF Frequency at Various Temperatures, LO = 15 dBm
Figure 14. Input P1dB vs. RF Frequency at Various LO Power Levels, TA = 25°C
Figure 15. Input IP2 vs. RF Frequency at Various LO Power Levels, TA = 25°C
18
17
16
15
14
13
12
11
10
9
8
3
456
78
9
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
80
70
60
50
40
34
56
78
9
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
18
17
16
15
14
13
12
11
10
9
8
34
56
78
9
RF FREQUENCY (GHz)
18dBm
15dBm
13dBm
80
70
60
50
40
3
456
78
9
RF FREQUENCY (GHz)
18dBm
15dBm
13dBm
11dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com