Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129ALC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC129ALC4TR-R5
Description  4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC129ALC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC129ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC129ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
4 GHz to 8 GHz GaAs MMIC
Double-Balanced Mixer
Data Sheet
HMC129ALC4
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion loss: 7 dB
LO to RF and IF isolation: 40 dB
Input IP3: 17 dBm
RoHS compliant, 24-terminal, 4 mm × 4 mm LCC package
APPLICATIONS
Microwave and very small aperture terminal (VSAT) radios
Test equipment
Military electronic warfare (EW); electronic countermeasure
(ECM); and command, control, communications and
intelligence (C3I)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The HMC129ALC4 is a general-purpose, double-balanced
monolithic microwave integrated circuit (MMIC) mixer housed
in a leadless Pb-free, RoHS compliant LCC package, that can be
used as an upconverter or downconverter in the 4 GHz to 8 GHz
band. The HMC129ALC4 is ideally suited for applications where
small size, no dc bias, and consistent IC performance are required.
This mixer can operate over a wide LO drive input of 9 dBm to
18 dBm. It performs equally well as a biphase modulator or
demodulator. The HMC129ALC4 eliminates the need for wire
bonding, allowing use of surface-mount manufacturing
techniques.
13
1
3
4
2
NIC
GND
RF
GND
5
6
NIC
NIC
NIC
PACKAGE
BASE
GND
14 NIC
15 GND
16 LO
17 GND
18 NIC
HMC129ALC4


Similar Part No. - HMC129ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Micross Components
HMC129 MICROSS-HMC129 Datasheet
820Kb / 9P
No DC Bias Required
logo
Hittite Microwave Corpo...
HMC129G8 HITTITE-HMC129G8 Datasheet
122Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4 - 8 GHz
More results

Similar Description - HMC129ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4 Datasheet
288Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_09 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com